Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC34123-M5C-TR5 Datasheet(PDF) 8 Page - Cymbet Corporation

Part # CBC34123-M5C-TR5
Description  SPI Real-Time Clock/Calendar with Integrated Backup Power
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC34123-M5C-TR5 Datasheet(HTML) 8 Page - Cymbet Corporation

Back Button CBC34123-M5C-TR5 Datasheet HTML 4Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 5Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 6Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 7Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 8Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 9Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 10Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 11Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 12Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CBC34123 EnerChip™ RTC
©2013-2015 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-31 V.13
Page 8 of 14
Preliminary
CBC34123 Register Overview
16 registers are available. The time registers are encoded in the Binary Coded Decimal (BCD) format to simplify
application use. Other registers are either bit-wise or standard binary.
Bit positions labeled as ‘-’ are not implemented and will return a ‘0’ when read. The bit position labeled as ‘--’ is
not implemented and will return a ‘0’ or ‘1’ when read. Bit positions labeled with N should always be written with
logic ‘0’ (1).
Address Register name
Bit
7
6
5
4
3
2
1
0
Control and status registers
00h
Control_1
EXT_TEST N
STOP
SR
N
12_24
CIE
N
01h
Control_2
MI
SI
MSF
TI_TP
AF
TF
AIE
TIE
Time and date registers
02h
Seconds
OS
SECONDS (0 to 59)
03h
Minutes
--
MINUTES (0 to 59)
04h
Hours
-
-
AMPM
HOURS (1 to 12) in 12 h mode
HOURS (0 to 23) in 24 h mode
05h
Days
-
-
DAYS (1 to 31)
06h
Weekdays
-
-
-
-
-
WEEKDAYS (0 to 6)
07h
Months
-
-
-
MONTHS (1 to 12)
08h
Years
YEARS (0 to 99)
Alarm registers
09h
Minute_alarm
AE_M
MINUTE_ALARM (0 to 59)
0Ah
Hour_alarm
AE_H
-
AMPM
HOUR_ALARM (1 to 12) in 12 h mode
HOUR_ALARM (0 to 23) in 24 h mode
0Bh
Day_alarm
AE_D
-
DAY_ALARM (1 to 31)
0Ch
Weekday_alarm
AE_W
-
-
-
-
WEEKDAY_ALARM (0 to
6)
Offset register
0Dh
Offset_register
MODE
OFFSET[6:0]
Timer registers
0Eh
Timer_clkout
-
COF[2:0]
TE
-
CTD[1:0]
0Fh
Countdown_timer COUNTDOWN_TIMER[7:0]
[1] Except in the case of software reset, see Section 8.3.1.1.


Similar Part No. - CBC34123-M5C-TR5

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC34123-M5C-TR5 CYMBET-CBC34123-M5C-TR5 Datasheet
480Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
More results

Similar Description - CBC34123-M5C-TR5

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC34813 CYMBET-CBC34813 Datasheet
981Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34123 CYMBET-CBC34123 Datasheet
480Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
DS-72-38 CYMBET-DS-72-38 Datasheet
1Mb / 18P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
DS-72-34 CYMBET-DS-72-34 Datasheet
1Mb / 18P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
   SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
   SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
   SPI Real-Time Clock Calendar
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com