Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC34123-M5C-TR5 Datasheet(PDF) 10 Page - Cymbet Corporation

Part # CBC34123-M5C-TR5
Description  SPI Real-Time Clock/Calendar with Integrated Backup Power
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC34123-M5C-TR5 Datasheet(HTML) 10 Page - Cymbet Corporation

Back Button CBC34123-M5C-TR5 Datasheet HTML 6Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 7Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 8Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 9Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 10Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 11Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 12Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 13Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 14Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CBC34123 EnerChip™ RTC
©2013-2015 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-31 V.13
Page 10 of 14
Preliminary
GUIDELINES FOR HANDLING ENERCHIP RTC DEVICES
The EnerChip™ RTC with an integrated thin film, solid state battery features all solid state construction, are
packaged in standard integrated circuit packages, and can be reflow soldered for high volume PCB assembly.
The CBC34123 EnerChip RTC is considered an MSL-3 rated device for storage and handling purposes.
Device Handling & Storage
• EnerChip RTCs are packaged and shipped in tubes or reels in moisture barrier bags, and are sensitive
to moisture absorption. They must be kept in the sealed bag until ready for board mounting and reflow
soldering.
• If the EnerChip RTCs are removed from the sealed bag more than 168 hours prior to board mounting,
they must be baked at 125°C for a minimum of 24 hours prior to board mounting and reflow soldering.
• Store the EnerChip RTCs in an environment where the temperature and humidity do not undergo large
fluctuations. Store at 10°C to 30°C and at less than 60% relative humidity.
Electrostatic Discharge (ESD)
• The EnerChip RTCs are sensitive to ESD damage prior to receiving a battery charge cycle. Therefore,
adherence to ESD prevention guidelines is required.
• Remove RTC devices from protective shipping and storage containers at approved ESD workstations
only.
• All equipment used to process the devices must be configured to minimize the generation of static
charges. This includes soldering and de-soldering equipment and tools, pick-and-place equipment, test
equipment, and all other tools and equipment used to handle or process the devices.
• Failure to observe these precautions can lead to premature failure and shall void product warranty.
Other Use Guidelines
• Do not connect the EnerChip RTC to other types of batteries.
• To increase battery life, avoid placing the EnerChip RTC near devices that would generate heat
exceeding the 70°C operating limit.
DO NOT HAND SOLDER ENERCHIP RTC DEVICES
When soldering an individual uncharged EnerChip RTC, a QFN capable soldering station with temperature con-
trol should be used. It is very important to be able to control the solder temperature and time when soldering
an EnerChip RTC.
ENERCHIP ASSEMBLY REPAIR TECHNIQUES
For the EnerChip RTC QFN package, use a hot air rework station to remove a defective or misplaced EnerChip
package. If there are other EnerChips in the vicinity of the EnerChip being replaced, use proper heat shielding
to protect the adjacent EnerChip package from the heat source and turn off any heat source that would oth-
erwise be used to heat the bottom of the board during removal of the EnerChip. This will prevent the adjacent
EnerChip(s) from being damaged during the rework procedure.


Similar Part No. - CBC34123-M5C-TR5

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC34123-M5C-TR5 CYMBET-CBC34123-M5C-TR5 Datasheet
480Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
More results

Similar Description - CBC34123-M5C-TR5

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC34813 CYMBET-CBC34813 Datasheet
981Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34123 CYMBET-CBC34123 Datasheet
480Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
DS-72-38 CYMBET-DS-72-38 Datasheet
1Mb / 18P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
DS-72-34 CYMBET-DS-72-34 Datasheet
1Mb / 18P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
   SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
   SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
   SPI Real-Time Clock Calendar
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com