Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24V01A-G Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # FM24V01A-G
Description  128-Kbit (16K 횞 8) Serial (I2C) F-RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V01A-G Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button FM24V01A-G Datasheet HTML 2Page - Cypress Semiconductor FM24V01A-G Datasheet HTML 3Page - Cypress Semiconductor FM24V01A-G Datasheet HTML 4Page - Cypress Semiconductor FM24V01A-G Datasheet HTML 5Page - Cypress Semiconductor FM24V01A-G Datasheet HTML 6Page - Cypress Semiconductor FM24V01A-G Datasheet HTML 7Page - Cypress Semiconductor FM24V01A-G Datasheet HTML 8Page - Cypress Semiconductor FM24V01A-G Datasheet HTML 9Page - Cypress Semiconductor FM24V01A-G Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
FM24V01A
Document Number: 001-90869 Rev. *H
Page 6 of 19
High Speed Mode (Hs-mode)
The FM24V01A supports a 3.4-MHz high-speed mode. A master code (00001XXXb) must be issued to place the device into the
high-speed mode. Communication between master and slave will then be enabled for speeds up to 3.4 MHz. A STOP condition will
exit Hs-mode. Single- and multiple-byte reads and writes are supported.
Slave Device Address
The first byte that the FM24V01A expects after a START
condition is the slave address. As shown in Figure 7, the slave
address contains the device type or slave ID, the device select
address bits, and a bit that specifies if the transaction is a read
or a write.
Bits 7-4 are the device type (slave ID) and should be set to 1010b
for the FM24V01A. These bits allow other function types to
reside on the two-wire bus within an identical address range. Bits
3-1 are the device select address bits. They must match the
corresponding value on the external address pins to select the
device. Up to eight FM24V01A devices can reside on the same
two-wire bus by assigning a different address to each. Bit 0 is the
read/write bit (R/W). R/W = ‘1’ indicates a read operation and
R/W = ‘0’ indicates a write operation.
Addressing Overview
After the FM24V01A (as receiver) acknowledges the slave
address, the master can place the memory address on the bus
for a write operation. The address requires two bytes. The
complete 14-bit address is latched internally. Each access
causes the latched address value to be incremented automati-
cally. The current address is the value that is held in the latch;
either a newly written value or the address following the last
access. The current address will be held for as long as power
remains or until a new value is written. Reads always use the
current address. A random read address can be loaded by
beginning a write operation as explained below.
After transmission of each data byte, just prior to the
acknowledge, the FM24V01A increments the internal address
latch. This allows the next sequential byte to be accessed with
no additional addressing. After the last address (3FFFh) is
reached, the address latch will roll over to 0000h. There is no
limit to the number of bytes that can be accessed with a single
read or write operation.
Data Transfer
After the address bytes have been transmitted, data transfer
between the bus master and the FM24V01A can begin. For a
read operation the FM24V01A will place 8 data bits on the bus
then wait for an acknowledge from the master. If the
acknowledge occurs, the FM24V01A will transfer the next
sequential byte. If the acknowledge is not sent, the FM24V01A
will end the read operation. For a write operation, the FM24V01A
will accept 8 data bits from the master then sends an
acknowledge. All data transfer occurs MSB (most significant bit)
first.
Memory Operation
The FM24V01A is designed to operate in a manner very similar
to other two-wire interface memory products. The major differ-
ences result from the higher performance write capability of
F-RAM technology. These improvements result in some differ-
ences between the FM24V01A and a similar configuration
EEPROM during writes. The complete operation for both writes
and reads is explained in the following sections.
Write Operation
All writes begin with a slave address, then a memory address.
The bus master indicates a write operation by setting the LSB of
the slave address (R/W bit) to a '0'. After addressing, the bus
master sends each byte of data to the memory and the memory
generates an acknowledge condition. Any number of sequential
bytes may be written. If the end of the address range is reached
internally, the address counter will wrap from 3FFFh to 0000h.
Unlike other nonvolatile memory technologies, there is no
effective write delay with F-RAM. Since the read and write
access times of the underlying memory are the same, the user
experiences no delay through the bus. The entire memory cycle
occurs in less time than a single bus clock. Therefore, any
operation including read or write can occur immediately following
a write. Acknowledge polling, a technique used with EEPROMs
to determine if a write is complete is unnecessary and will always
return a ready condition.
Figure 6. Data Transfer Format in Hs-Mode
handbook, full pagewidth
F/S-mode
Hs-mode
F/S-mode
01
/
A
1
DATA
n (bytes
+ack.)
W
/
R
S
MASTER CODE
S
SLAVE ADD.
Hs-mode continues
S
SLAVE ADD.
P
No Acknowledge
Acknowledge or
No Acknowledge
Figure 7. Memory Slave Device Address
handbook, halfpage
R/W
LSB
MSB
Slave ID
10
1
0
A2
A0
A1
Device Select


Similar Part No. - FM24V01A-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24V01 RAMTRON-FM24V01 Datasheet
317Kb / 14P
   128Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V01-G CYPRESS-FM24V01-G Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V01-G CYPRESS-FM24V01-G Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM24V01-GTR CYPRESS-FM24V01-GTR Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
More results

Similar Description - FM24V01A-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY15B128J CYPRESS-CY15B128J Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Automotive Serial (I2C) F-RAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
FM24V02A CYPRESS-FM24V02A Datasheet
1Mb / 19P
   256-Kbit (32K 횞 8) Serial (I2C) F-RAM
CY15B064J CYPRESS-CY15B064J Datasheet
369Kb / 18P
   64-Kbit (8K 횞 8) Serial (I2C) Automotive F-RAM
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
FM25V02A CYPRESS-FM25V02A Datasheet
819Kb / 23P
   256-Kbit (32K 횞 8) Serial (SPI) F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com