Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25V02A-DG Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # FM25V02A-DG
Description  256-Kbit (32K 횞 8) Serial (SPI) F-RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V02A-DG Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button FM25V02A-DG Datasheet HTML 2Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 3Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 4Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 5Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 6Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 7Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 8Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 9Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
FM25V02A
Document Number: 001-90865 Rev. *F
Page 6 of 23
The device detects the SPI mode from the status of the SCK pin
when the device is selected by bringing the CS pin LOW. If the
SCK pin is LOW when the device is selected, SPI Mode 0 is
assumed and if the SCK pin is HIGH, it works in SPI Mode 3.
Power-Up to First Access
The FM25V02A is not accessible for a tPU time after power-up.
Users must comply with the timing parameter tPU, which is the
minimum time from VDD (min) to the first CS LOW.
Command Structure
There are nine commands, called opcodes, that can be issued
by the bus master to the FM25V02A. They are listed in Table 1.
These opcodes control the functions performed by the memory.
WREN - Set Write Enable Latch
The FM25V02A will power up with writes disabled. The WREN
command must be issued before any write operation. Sending
the WREN opcode allows the user to issue subsequent opcodes
for write operations. These include writing the Status Register
(WRSR) and writing the memory (WRITE).
Sending the WREN opcode causes the internal Write Enable
Latch to be set. A flag bit in the Status Register, called WEL,
indicates the state of the latch. WEL = ‘1’ indicates that writes are
permitted. Attempting to write the WEL bit in the Status Register
has no effect on the state of this bit - only the WREN opcode can
set this bit. The WEL bit will be automatically cleared on the rising
edge of CS following a WRDI, a WRSR, or a WRITE operation.
This prevents further writes to the Status Register or the F-RAM
array without another WREN command. Figure 7 illustrates the
WREN command bus configuration.
WRDI - Reset Write Enable Latch
The WRDI command disables all write activity by clearing the
Write Enable Latch. The user can verify that writes are disabled
by reading the WEL bit in the Status Register and verifying that
WEL is equal to ‘0’. Figure 8 illustrates the WRDI command bus
configuration.
Figure 5. SPI Mode 0
Figure 6. SPI Mode 3
Table 1. Opcode Commands
Name
Description
Opcode
WREN
Set write enable latch
0000 0110b
WRDI
Reset write enable latch
0000 0100b
RDSR
Read Status Register
0000 0101b
WRSR
Write Status Register
0000 0001b
READ
Read memory data
0000 0011b
FSTRD
Fast read memory data
0000 1011b
WRITE
Write memory data
0000 0010b
SLEEP
Enter sleep mode
1011 1001b
RDID
Read device ID
1001 1111b
Reserved
Reserved
1100 0011b
1100 0010b
0101 1010b
0101 1011b
LSB
MSB
7
654
321
0
CS
SCK
SI
01
2
3
4
5
67
CS
SCK
SI
7
654
32
10
LSB
MSB
01
2
3
4
5
67
Figure 7. WREN Bus Configuration
Figure 8. WRDI Bus Configuration
0
0
0
0
0
1
1
0
CS
SCK
SI
SO
HI-Z
0
1
2
3
4
5
6
7
0
0
0
CS
SCK
SI
SO
HI-Z
0
1
2
3
4
5
6
7
0
0
00
1


Similar Part No. - FM25V02A-DG

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02-DG RAMTRON-FM25V02-DG Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25V02A-DG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY15B256Q CYPRESS-CY15B256Q Datasheet
778Kb / 22P
   256-Kbit (32K 횞 8) Automotive Serial (SPI) F-RAM
FM24V02A CYPRESS-FM24V02A Datasheet
1Mb / 19P
   256-Kbit (32K 횞 8) Serial (I2C) F-RAM
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY15E064Q CYPRESS-CY15E064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com