Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25V40-GCTR Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # FM25V40-GCTR
Description  4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V40-GCTR Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button FM25V40-GCTR Datasheet HTML 7Page - Cypress Semiconductor FM25V40-GCTR Datasheet HTML 8Page - Cypress Semiconductor FM25V40-GCTR Datasheet HTML 9Page - Cypress Semiconductor FM25V40-GCTR Datasheet HTML 10Page - Cypress Semiconductor FM25V40-GCTR Datasheet HTML 11Page - Cypress Semiconductor FM25V40-GCTR Datasheet HTML 12Page - Cypress Semiconductor FM25V40-GCTR Datasheet HTML 13Page - Cypress Semiconductor FM25V40-GCTR Datasheet HTML 14Page - Cypress Semiconductor FM25V40-GCTR Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
PRELIMINARY
FM25V40
Document Number: 001-87288 Rev. *A
Page 11 of 23
Sleep Mode
A low-power sleep mode is implemented on the FM25V20
device. The device will enter the low-power state when the
SLEEP opcode B9h is clocked in and a rising edge of CS is
applied. When in sleep mode, the SCK and SI pins are ignored
and SO will be HI-Z, but the device continues to monitor the CS
pin. On the next falling edge of CS, the device will return to
normal operation within tREC time. The SO pin remains in a HI-Z
state during the wakeup period. The device does not necessarily
respond to an opcode within the wakeup period. To start the
wakeup procedure, the controller may send a “dummy” read, for
example, and wait the remaining tREC time.
Device ID
The FM25V40 device can be interrogated for its manufacturer,
product identification, and die revision. The RDID opcode 9Fh
allows the user to read the manufacturer ID and product ID, both
of
which
are
read-only
bytes.
The
JEDEC-assigned
manufacturer ID places the Cypress (Ramtron) identifier in bank
7; therefore, there are six bytes of the continuation code 7Fh
followed by the single byte C2h. There are two bytes of product
ID, which includes a family code, a density code, a sub code, and
the product revision code.
Figure 15. Sleep Mode Operation
CS
SCK
SI
SO
HI-Z
0
Enters Sleep Mode
VALID IN
t
SU
t
REC Recovers from Sleep Mode
10
1
1
1
0
0
1
1
2
3
4
5
6
7
Table 6. Device ID
Device ID
(9 bytes)
Device ID Description
71–16
(56 bits)
15–13
(3 bits)
12–8
(5 bits)
7–6
(2 bits)
5–3
(3 bits)
2–0
(3 bits)
Manufacturer ID
Product ID
Family
Density
Sub
Rev
Rsvd
7F7F7F7F7F7FC22640h
0111111101111111011111110111
1111011111110111111111000010
001
00110
01
000
000
Figure 16. Read Device ID
CS
SCK
SO
SI
Opcode
01
2
3
456
7
0
7
6
5
4
3
2
1
4445 46
55 5657 58596061 6263 64 65 6667 6869 7071
10
0
1
1
1
1
1
LSB
MSB
HI-Z
47 48 49 50 51 52 53 54
9-Byte Device ID
D7 D6 D5 D4 D3 D2 D1 D0
D3
D1
D7
D2
D0
D5
D3
D1
D4
D2
D7
D5
D3
D6
D4
D6
D0
D1
D7
D5
D0
D6
D3
D1
D2
D0
D2
D4


Similar Part No. - FM25V40-GCTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
   128Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V01 CYPRESS-FM25V01 Datasheet
508Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
508Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25V40-GCTR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY15B104Q CYPRESS-CY15B104Q Datasheet
847Kb / 22P
   4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
FM25V20A CYPRESS-FM25V20A Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B102Q CYPRESS-CY15B102Q Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) Automotive F-RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_11 Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY62148E CYPRESS-CY62148E_10 Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
   4-Mbit (512 K 횞 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_12 Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ESL CYPRESS-CY62148ESL_10 Datasheet
372Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com