Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6E1B34E0AGV20000 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # S6E1B34E0AGV20000
Description  32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E1B34E0AGV20000 Datasheet(HTML) 3 Page - Cypress Semiconductor

  S6E1B34E0AGV20000 Datasheet HTML 1Page - Cypress Semiconductor S6E1B34E0AGV20000 Datasheet HTML 2Page - Cypress Semiconductor S6E1B34E0AGV20000 Datasheet HTML 3Page - Cypress Semiconductor S6E1B34E0AGV20000 Datasheet HTML 4Page - Cypress Semiconductor S6E1B34E0AGV20000 Datasheet HTML 5Page - Cypress Semiconductor S6E1B34E0AGV20000 Datasheet HTML 6Page - Cypress Semiconductor S6E1B34E0AGV20000 Datasheet HTML 7Page - Cypress Semiconductor S6E1B34E0AGV20000 Datasheet HTML 8Page - Cypress Semiconductor S6E1B34E0AGV20000 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 115 page
background image
Document Number: 001-99224 Rev.**
Page 3 of 115
S6E1B3 Series
PRELIMINARY
active in any low-power consumption modes except RTC, Stop,
Deep standby RTC and Deep standby Stop mode.
CRC (Cyclic Redundancy Check) Accelerator
The CRC accelerator calculates the CRC which has a heavy
software processing load, and achieves a reduction of the
integrity check processing load for reception data and storage.
CCITT CRC16 and IEEE-802.3 CRC32 are supported.
CCITT CRC16 Generator Polynomial: 0x1021
IEEE-802.3 CRC32 Generator Polynomial: 0x04C11DB7
HDMI-CEC/Remote Control Receiver (Up to 2
Channels)
HDMI-CEC transmitter
Header block automatic transmission by judging Signal
free
Generating status interrupt by detecting Arbitration lost
Generating START, EOM, ACK automatically to output
CEC transmission by setting 1 byte data
Generating transmission status interrupt when transmitting
1 block (1 byte data and EOM/ACK)
HDMI-CEC receiver
Automatic ACK reply function available
Line error detection function available
Remote control receiver
4 bytes reception buffer
Repeat code detection function available
Smart Card Interface
Compliant with ISO7816-3 specification
Card Reader only/B class card only
Available protocols
Transmitter: 8E2, 8O2, 8N2
Receiver: 8E1, 8O1, 8N2, 8N1, 9N1
Inverse mode
TX/RX FIFO integrated (RX: 16-bytes, TX:16-bytes)
Clock and Reset
Clocks
A clock can be selected from five clock sources (two external
oscillators, two built-in CR oscillator, and main PLL).
Main clock: 4 MHz to 40 MHz
Sub clock: 32.768 kHz
Built-in high-speed CR clock: 4 MHz
Built-in low-speed CR clock: 100 kHz
Main PLL clock
Resets
Reset request from the INITX pin
Power on reset
Software reset
Watchdog timer reset
Low-voltage detection reset
Clock supervisor reset
Clock Supervisor (CSV)
The Clock Supervisor monitors the failure of external clocks
with a clock generated by a built-in CR oscillator.
If an external clock failure (clock stop) is detected, a reset is
asserted.
If an external frequency anomaly is detected, an interrupt or
a reset is asserted.
Low-Voltage Detector (LVD)
This series monitors the voltage on the VCC pin with a 2-stage
mechanism. When the voltage falls below a designated voltage,
the Low-voltage Detector generates an interrupt or a reset.
LVDR: monitor V
CC and auto-reset operation
LVD1: monitor V
CC and error reporting via an interrupt
LVD2: selectable to monitor V
CC or LVDI and error reporting
via an interrupt
Low Power Consumption Mode
This series has six low power consumption modes.
Sleep
Timer
RTC
Stop
Deep standby RTC (selectable between keeping the value of
RAM and not)
Deep standby Stop (selectable between keeping the value of
RAM and not)
Peripheral Clock Gating
The system can reduce the current consumption of the total
system with gating the operation clocks of peripheral functions
not used.
VBAT
The consumption power during the RTC operation can be
reduced by supplying the power supply independent VBAT pin.
RTC (calendar circuit) / 32 kHz oscillation circuit. The following
circuit can also be used.
RTC
32 kHz oscillation circuit
Power-on circuit
Back up register: 32 bytes
Port circuit
Debug
Serial Wire Debug Port (SW-DP)
Micro Trace Buffer (MTB)
Unique ID
A 41-bit unique value of the device has been set.


Similar Part No. - S6E1B34E0AGV20000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E1B8 CYPRESS-S6E1B8 Datasheet
1Mb / 128P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1B84E0AGV20000 CYPRESS-S6E1B84E0AGV20000 Datasheet
1Mb / 128P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1B84EHAGV20000 CYPRESS-S6E1B84EHAGV20000 Datasheet
1Mb / 128P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1B84F0AGV20000 CYPRESS-S6E1B84F0AGV20000 Datasheet
1Mb / 128P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1B84FHAGV20000 CYPRESS-S6E1B84FHAGV20000 Datasheet
1Mb / 128P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
More results

Similar Description - S6E1B34E0AGV20000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E1C CYPRESS-S6E1C Datasheet
3Mb / 109P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1C1 CYPRESS-S6E1C1 Datasheet
2Mb / 100P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1A CYPRESS-S6E1A Datasheet
2Mb / 96P
   32-bit ARM짰 Cortex짰-M0FM0 Microcontroller
S6E1B8 CYPRESS-S6E1B8 Datasheet
1Mb / 128P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1C3 CYPRESS-S6E1C3 Datasheet
2Mb / 107P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1A11B0A CYPRESS-S6E1A11B0A Datasheet
1Mb / 95P
   32-Bit ARM짰 Cortex짰 FM0 based Microcontroller
logo
NXP Semiconductors
LPC81XM NXP-LPC81XM_18 Datasheet
888Kb / 78P
   32-bit ARM짰 Cortex짰-M0 microcontroller
Rev. 4.6-4 April 2018
LPC804 NXP-LPC804 Datasheet
2Mb / 81P
   32-bit Arm짰 Cortex짰-M0 microcontroller
Rev. 1.3-23 March 2018
logo
Nuvoton Technology Corp...
M051 NUVOTON-M051 Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
MINI55 NUVOTON-MINI55 Datasheet
1Mb / 74P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com