Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6E1C31D0AGV20000 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # S6E1C31D0AGV20000
Description  32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E1C31D0AGV20000 Datasheet(HTML) 1 Page - Cypress Semiconductor

  S6E1C31D0AGV20000 Datasheet HTML 1Page - Cypress Semiconductor S6E1C31D0AGV20000 Datasheet HTML 2Page - Cypress Semiconductor S6E1C31D0AGV20000 Datasheet HTML 3Page - Cypress Semiconductor S6E1C31D0AGV20000 Datasheet HTML 4Page - Cypress Semiconductor S6E1C31D0AGV20000 Datasheet HTML 5Page - Cypress Semiconductor S6E1C31D0AGV20000 Datasheet HTML 6Page - Cypress Semiconductor S6E1C31D0AGV20000 Datasheet HTML 7Page - Cypress Semiconductor S6E1C31D0AGV20000 Datasheet HTML 8Page - Cypress Semiconductor S6E1C31D0AGV20000 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
S6E1C3 Series
32-bit ARM® Cortex®-M0+
FM0+ Microcontroller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 002-00233 Rev.*B
Revised March 4, 2016
The S6E1C3 Series is a series of highly integrated 32-bit microcontrollers designed for embedded controllers aiming at low power
consumption and low cost. This series has the ARM Cortex-M0+ Processor with on-chip Flash memory and SRAM, and consists of
peripheral functions such as various timers, ADC and communication interfaces (UART, CSIO (SPI), I2C, I2S, Smart Card, and USB).
The products which are described in this data sheet are placed into TYPE3-M0+ product categories in "FM0+ Family Peripheral
Manual".
Features
32-bit ARM Cortex-M0+ Core
Processor version: r0p1
Maximum operating frequency: 40.8 MHz
Nested Vectored Interrupt Controller (NVIC): 1 NMI
(non-maskable interrupt) and 24 peripheral interrupt with 4
selectable interrupt priority levels
24-bit System timer (Sys Tick): System timer for OS task
management
Bit Band Operation
Compatible with Cortex-M3 bit band operation.
On-Chip Memory
Flash memory
Up to 128 Kbytes
Read cycle: 0 wait-cycle
Security function for code protection
SRAM
The on-chip SRAM of this series has one independent SRAM .
Up to 16 Kbytes
4Kbytes: can retain value in Deep standby Mode
USB Interface
USB interface is composed of Device and Host
With Main PLL, USB clock can be generated by multiplication
of Main clock.
USB Device
USB 2.0 Full-Speed supported
Max 6 EndPoint supported
• EndPoint 0 is control transfer
• EndPoint 1, 2 can be selected Bulk-transfer,
Interrupt-transfer or Isochronous-transfer
• EndPoint 3 to 5 can select Bulk-transfer or
Interrupt-transfer
• EndPoint 1 to 5 comprise Double Buffer
• The size of each EndPoint is according to the follows
• EndPoint 0, 2 to 5 : 64 bytes
• EndPoint 1 : 256 bytes
USB host
USB 2.0 Full/Low-Speed supported
Bulk-transfer, Interrupt-transfer and Isochronous-transfer
support
USB Device connected/disconnected automatically detect
IN/OUT token handshake packet automatically
Max 256-byte packet-length supported
Wake-up function supported
Multi-Function Serial Interface (Max 6channels)
3 channels with 64Byte FIFO (Ch.4, 6 and 7), 3 channels
without FIFO (Ch.0, 1 and 3)
The operation mode of each channel can be selected from
one of the following.
UART
CSIO (CSIO is known to many customers as SPI)
I2C
UART
Full duplex double buffer
Parity can be enabled or disabled.
Built-in dedicated baud rate generator
External clock available as a serial clock
Hardware Flow control* : Automatically control the
transmission by CTS/RTS (only ch.4)
* : S6E1C32B0A/S6E1C31B0A and
S6E1C32C0A/S6E1C31C0A do not support Hardware
Flow control.
Various error detection functions (parity errors, framing
errors, and overrun errors)
CSIO (also known as SPI)
Full duplex double buffer
Built-in dedicated baud rate generator
Overrun error detection function
Serial chip select function (ch1 and ch6 only)
Data length: 5 to 16 bits
I2C
Standard-mode (Max: 100 kbps) supported / Fast-mode
(Max 400 kbps) supported.
I2S (MFS-I2S)
Using CSIO (Max 2 ch: ch.4, ch.6) and I2S clock generator
Supports two transfer protocol
• I2S
• MSB-justified
Master mode only


Similar Part No. - S6E1C31D0AGV20000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E1C31D0AGV20000 CYPRESS-S6E1C31D0AGV20000 Datasheet
3Mb / 109P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
More results

Similar Description - S6E1C31D0AGV20000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E1C CYPRESS-S6E1C Datasheet
3Mb / 109P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1C1 CYPRESS-S6E1C1 Datasheet
2Mb / 100P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1A CYPRESS-S6E1A Datasheet
2Mb / 96P
   32-bit ARM짰 Cortex짰-M0FM0 Microcontroller
S6E1B8 CYPRESS-S6E1B8 Datasheet
1Mb / 128P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1B3 CYPRESS-S6E1B3 Datasheet
1Mb / 115P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1A11B0A CYPRESS-S6E1A11B0A Datasheet
1Mb / 95P
   32-Bit ARM짰 Cortex짰 FM0 based Microcontroller
logo
NXP Semiconductors
LPC81XM NXP-LPC81XM_18 Datasheet
888Kb / 78P
   32-bit ARM짰 Cortex짰-M0 microcontroller
Rev. 4.6-4 April 2018
LPC804 NXP-LPC804 Datasheet
2Mb / 81P
   32-bit Arm짰 Cortex짰-M0 microcontroller
Rev. 1.3-23 March 2018
logo
Nuvoton Technology Corp...
M051 NUVOTON-M051 Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
MINI55 NUVOTON-MINI55 Datasheet
1Mb / 74P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com