Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6E1B86F0AGV20000 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # S6E1B86F0AGV20000
Description  32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E1B86F0AGV20000 Datasheet(HTML) 1 Page - Cypress Semiconductor

  S6E1B86F0AGV20000 Datasheet HTML 1Page - Cypress Semiconductor S6E1B86F0AGV20000 Datasheet HTML 2Page - Cypress Semiconductor S6E1B86F0AGV20000 Datasheet HTML 3Page - Cypress Semiconductor S6E1B86F0AGV20000 Datasheet HTML 4Page - Cypress Semiconductor S6E1B86F0AGV20000 Datasheet HTML 5Page - Cypress Semiconductor S6E1B86F0AGV20000 Datasheet HTML 6Page - Cypress Semiconductor S6E1B86F0AGV20000 Datasheet HTML 7Page - Cypress Semiconductor S6E1B86F0AGV20000 Datasheet HTML 8Page - Cypress Semiconductor S6E1B86F0AGV20000 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
S6E1B8 Series
32-bit ARM
® Cortex®-M0+
FM0+ Microcontroller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-99223 Rev.**
Revised August 31, 2015
PRELIMINARY
The S6E1B8 Series is a series of highly integrated 32-bit microcontrollers designed for embedded controllers aiming at low power
consumption and low cost. This series has the ARM Cortex-M0+ Processor with on-chip Flash memory and SRAM, and consists of
peripheral functions such as various timers, LCD controller (LCDC), AES, ADC and communication interfaces (UART, CSIO (SPI),
I
2C, I2S, Smart Card, and USB). The products which are described in this data sheet are placed into TYPE2-M0+ product categories
in "FM0+ Family Peripheral Manual".
Features
32-bit ARM Cortex-M0+ Core
Processor version: r0p1
Maximum operating frequency: 40.8 MHz
Nested Vectored Interrupt Controller (NVIC): 1 NMI
(non-maskable interrupt) and 24 peripheral interrupt with 4
selectable interrupt priority levels
24-bit System timer (Sys Tick): System timer for OS task
management
Bit Band Operation
Compatible with Cortex-M3 bit band operation.
On-Chip Memory
Flash memory
Up to 512 K+48 Kbytes
Dual bank:
upper bank : 512 Kbytes(64 Kbytes x 8)
lower bank : 48 Kbytes(8 Kbytes x 6)
Read cycle: 0 wait-cycle
Security function for code protection
SRAM
The on-chip SRAM of this series has one independent SRAM .
Up to SRAM: 60 K+4 Kbytes
4Kbytes: can retain value in Deep Standby Mode
USB Interface
USB interface is composed of Device and Host
PLL for USB is built-in, USB clock can be generated by
multiplication of Main clock.
USB Device
USB 2.0 Full-Speed supported
Max 6 EndPoint supported
• EndPoint 0 is control transfer
• EndPoint 1, 2 can be selected Bulk-transfer,
Interrupt-transfer or Isochronous-transfer
• EndPoint 3 to 5 can select Bulk-transfer or
Interrupt-transfer
• EndPoint 1 to 5 comprise Double Buffer
• The size of each EndPoint is according to the follows
• EndPoint 0, 2 to 5 : 64 bytes
• EndPoint 1 : 256 bytes
USB host
USB 2.0 Full/Low-Speed supported
Bulk-transfer, Interrupt-transfer and Isochronous-transfer
support
USB Device connected/disconnected automatically detect
IN/OUT token handshake packet automatically
Max 256-byte packet-length supported
Wake-up function supported
LCD Controller (LCDC)
Selectable from 44 SEG × 4 COM (Max) or 40 SEG × 8
COM (Max)
Internal Charge pump can generate 4.6 V at most
Internal divide resistor is contained (selectable from 10 k
or 100 k
 for the resistor value)
LCD drive power supply (bias) pin (VV4 to VV0)
Interrupt function synchronized with the LCD module frame
frequency
With blinking function
Inverted display function
Multi-Function Serial Interface (Max 8channels)
128 bytes with Tx/Rx FIFO in all channels (The number of
FIFO steps varies depending on the settings of the
communication mode or bit length.)
The operation mode of each channel can be selected from
one of the following.
UART
CSIO (CSIO is known to many customers as SPI)
I
2C
UART
Full duplex double buffer
Parity can be enabled or disabled.
Built-in dedicated baud rate generator
External clock available as a serial clock
Various error detection functions (parity errors, framing
errors, and overrun errors)
CSIO (also known as SPI)
Full duplex double buffer
Built-in dedicated baud rate generator
Overrun error detection function
Serial chip select function (ch1 and ch3 only)
Data length: 5 to 16 bits


Similar Part No. - S6E1B86F0AGV20000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E1B3 CYPRESS-S6E1B3 Datasheet
1Mb / 115P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1B34E0AGV20000 CYPRESS-S6E1B34E0AGV20000 Datasheet
1Mb / 115P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1B34F0AGV20000 CYPRESS-S6E1B34F0AGV20000 Datasheet
1Mb / 115P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1B34G0AGV20000 CYPRESS-S6E1B34G0AGV20000 Datasheet
1Mb / 115P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1B36E0AGV20000 CYPRESS-S6E1B36E0AGV20000 Datasheet
1Mb / 115P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
More results

Similar Description - S6E1B86F0AGV20000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E1C CYPRESS-S6E1C Datasheet
3Mb / 109P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1C1 CYPRESS-S6E1C1 Datasheet
2Mb / 100P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1A CYPRESS-S6E1A Datasheet
2Mb / 96P
   32-bit ARM짰 Cortex짰-M0FM0 Microcontroller
S6E1C3 CYPRESS-S6E1C3 Datasheet
2Mb / 107P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1B3 CYPRESS-S6E1B3 Datasheet
1Mb / 115P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1A11B0A CYPRESS-S6E1A11B0A Datasheet
1Mb / 95P
   32-Bit ARM짰 Cortex짰 FM0 based Microcontroller
logo
NXP Semiconductors
LPC81XM NXP-LPC81XM_18 Datasheet
888Kb / 78P
   32-bit ARM짰 Cortex짰-M0 microcontroller
Rev. 4.6-4 April 2018
LPC804 NXP-LPC804 Datasheet
2Mb / 81P
   32-bit Arm짰 Cortex짰-M0 microcontroller
Rev. 1.3-23 March 2018
logo
Nuvoton Technology Corp...
M051 NUVOTON-M051 Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
MINI55 NUVOTON-MINI55 Datasheet
1Mb / 74P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com