Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6E1C11D0AGN20000 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # S6E1C11D0AGN20000
Description  32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E1C11D0AGN20000 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button S6E1C11D0AGN20000 Datasheet HTML 2Page - Cypress Semiconductor S6E1C11D0AGN20000 Datasheet HTML 3Page - Cypress Semiconductor S6E1C11D0AGN20000 Datasheet HTML 4Page - Cypress Semiconductor S6E1C11D0AGN20000 Datasheet HTML 5Page - Cypress Semiconductor S6E1C11D0AGN20000 Datasheet HTML 6Page - Cypress Semiconductor S6E1C11D0AGN20000 Datasheet HTML 7Page - Cypress Semiconductor S6E1C11D0AGN20000 Datasheet HTML 8Page - Cypress Semiconductor S6E1C11D0AGN20000 Datasheet HTML 9Page - Cypress Semiconductor S6E1C11D0AGN20000 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
Document Number: 002-00234 Rev.*B
Page 6 of 100
S6E1C1 Series
2. Packages
Product name
Package
S6E1C12B0A/
S6E1C11B0A
S6E1C12C0A/
S6E1C11C0A
S6E1C12D0A/
S6E1C11D0A
LQFP: LQB032 (0.80 mm pitch)
-
-
QFN: WNU032 (0.50 mm pitch)
LQFP: LQA048-02 (0.50 mm pitch)
-
-
QFN: WNY048 (0.50 mm pitch)
-
-
LQFP: LQD064-02 (0.50 mm pitch)
-
-
QFN: WNS064 (0.50 mm pitch)
-
-
: Available
Note:
See "13. Package Dimensions" for detailed information on each package.


Similar Part No. - S6E1C11D0AGN20000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E1C11D0AGN20000 CYPRESS-S6E1C11D0AGN20000 Datasheet
3Mb / 109P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
More results

Similar Description - S6E1C11D0AGN20000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E1C CYPRESS-S6E1C Datasheet
3Mb / 109P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1A CYPRESS-S6E1A Datasheet
2Mb / 96P
   32-bit ARM짰 Cortex짰-M0FM0 Microcontroller
S6E1B8 CYPRESS-S6E1B8 Datasheet
1Mb / 128P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1C3 CYPRESS-S6E1C3 Datasheet
2Mb / 107P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1B3 CYPRESS-S6E1B3 Datasheet
1Mb / 115P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1A11B0A CYPRESS-S6E1A11B0A Datasheet
1Mb / 95P
   32-Bit ARM짰 Cortex짰 FM0 based Microcontroller
logo
NXP Semiconductors
LPC81XM NXP-LPC81XM_18 Datasheet
888Kb / 78P
   32-bit ARM짰 Cortex짰-M0 microcontroller
Rev. 4.6-4 April 2018
LPC804 NXP-LPC804 Datasheet
2Mb / 81P
   32-bit Arm짰 Cortex짰-M0 microcontroller
Rev. 1.3-23 March 2018
logo
Nuvoton Technology Corp...
M051 NUVOTON-M051 Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
MINI55 NUVOTON-MINI55 Datasheet
1Mb / 74P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com