Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT93C56A-10PI-2.7 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT93C56A-10PI-2.7
Description  3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C56A-10PI-2.7 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT93C56A-10PI-2.7 Datasheet HTML 1Page - ATMEL Corporation AT93C56A-10PI-2.7 Datasheet HTML 2Page - ATMEL Corporation AT93C56A-10PI-2.7 Datasheet HTML 3Page - ATMEL Corporation AT93C56A-10PI-2.7 Datasheet HTML 4Page - ATMEL Corporation AT93C56A-10PI-2.7 Datasheet HTML 5Page - ATMEL Corporation AT93C56A-10PI-2.7 Datasheet HTML 6Page - ATMEL Corporation AT93C56A-10PI-2.7 Datasheet HTML 7Page - ATMEL Corporation AT93C56A-10PI-2.7 Datasheet HTML 8Page - ATMEL Corporation AT93C56A-10PI-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Features
Low-voltage and Standard-voltage Operation
–2.7 (VCC = 2.7V to 5.5V)
–1.8 (V
CC = 1.8V to 5.5V)
User-selectable Internal Organization
– 2K: 256 x 8 or 128 x 16
– 4K: 512 x 8 or 256 x 16
3-wire Serial Interface
Sequential Read Operation
2 MHz Clock Rate (5V)
Self-timed Write Cycle (10 ms Max)
High Reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
Automotive Grade, Extended Temperature, and Lead-free/Halogen-free
Devices Available
8-lead PDIP, 8-lead JEDEC SOIC, 8-lead EIAJ SOIC, 8-lead MAP, 8-lead TSSOP,
and 8-ball dBGA2
Packages
Description
The AT93C56A/66A provides 2048/4096 bits of serial electrically erasable program-
mable read-only memory (EEPROM) organized as 128/256 words of 16 bits each
when the ORG pin is connected to VCC and 256/512 words of 8 bits each when it is
tied to ground. The device is optimized for use in many industrial and commercial
applications where low-power and low-voltage operations are essential. The
AT93C56A/66A is available in space-saving 8-lead PDIP, 8-lead JEDEC SOIC, 8-lead
EIAJ SOIC, 8-lead MAP, 8-lead TSSOP, and 8-ball dBGA2™ packages.
3-wire Serial
EEPROMs
2K (256 x 8 or 128 x 16)
4K (512 x 8 or 256 x 16)
AT93C56A
AT93C66A
Advance
Information
Rev. 3378F–SEEPR–04/04
Pin Configurations
Pin Name
Function
CS
Chip Select
SK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
GND
Ground
VCC
Power Supply
ORG
Internal Organization
DC
Don’t Connect
8-lead PDIP
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
DC
ORG
GND
8-lead SOIC
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
DC
ORG
GND
8-lead TSSOP
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
DC
ORG
GND
8-lead MAP
Bottom View
1
2
3
4
8
7
6
5
VCC
DC
ORG
GND
CS
SK
DI
DO
8-ball dBGA2
Bottom View
VCC
DC
ORG
GND
CS
SK
DI
DO
1
2
3
4
8
7
6
5


Similar Part No. - AT93C56A-10PI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56A-10PU-1.8 ATMEL-AT93C56A-10PU-1.8 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
AT93C56A-10PU-1.8 ATMEL-AT93C56A-10PU-1.8 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
AT93C56A-10PU-1.8 ATMEL-AT93C56A-10PU-1.8 Datasheet
491Kb / 21P
   Three-wire Serial EEPROM
AT93C56A-10PU-2.7 ATMEL-AT93C56A-10PU-2.7 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
AT93C56A-10PU-2.7 ATMEL-AT93C56A-10PU-2.7 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
More results

Similar Description - AT93C56A-10PI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
logo
STMicroelectronics
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
   2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
logo
STMicroelectronics
ST24C02 STMICROELECTRONICS-ST24C02 Datasheet
145Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
November 1997
ST24C02R STMICROELECTRONICS-ST24C02R Datasheet
141Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
1997
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com