Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39901B8745P810 Datasheet(PDF) 2 Page - TDK Electronics

Part # B39901B8745P810
Description  SAW Components
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39901B8745P810 Datasheet(HTML) 2 Page - TDK Electronics

  B39901B8745P810 Datasheet HTML 1Page - TDK Electronics B39901B8745P810 Datasheet HTML 2Page - TDK Electronics B39901B8745P810 Datasheet HTML 3Page - TDK Electronics B39901B8745P810 Datasheet HTML 4Page - TDK Electronics B39901B8745P810 Datasheet HTML 5Page - TDK Electronics B39901B8745P810 Datasheet HTML 6Page - TDK Electronics B39901B8745P810 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
December 11, 2013
B8745
836.50 / 897.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW band–stop filter
Data sheet
Application
s
Low-loss GSM 850 and GSM 900 reject filter for
DVB-H
s
Low amplitude ripple
s
Low group delay ripple
s
Low insertion attenuation
s
Usable passband 280MHz
s
Impedance at input and output 50
s
Unbalanced to unbalanced operation
Features
s
Package size 1.4
× 1.1 mm2
s
Maximum package height of 0.45 mm
s
RoHS compatible
s
Approximate weight 0.003 g
s
Package for Surface Mount Technology (SMT)
s
Electrostatic Sensitive Device (ESD)
s
Ni, gold-plated terminals
s
Moisture Sensitivity Level 3
1.4
4
5
23
0.25
0.5
0.5
bottom view
side view
top view
4
5
3
2
Pin configuration
s
1
Input
s
2
Coupling pin
s
3
Coupling pin
s
4
Output
s
5
Case ground
2
1
3
4
5


Similar Part No. - B39901B8745P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39901B8743P810 TDK-B39901B8743P810 Datasheet
94Kb / 7P
   SAW band?뱒top filter
B39901B8746P810 TDK-B39901B8746P810 Datasheet
98Kb / 7P
   SAW Components
More results

Similar Description - B39901B8745P810

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3355K ETC-G3355K Datasheet
98Kb / 8P
   SAW COMPONENTS
logo
EPCOS
B5155 EPCOS-B5155 Datasheet
233Kb / 8P
   SAW Components
B39212B7750C810 EPCOS-B39212B7750C810 Datasheet
85Kb / 8P
   SAW Components
B39421R2702U310 EPCOS-B39421R2702U310 Datasheet
45Kb / 4P
   SAW Components
B39401R983U410 EPCOS-B39401R983U410 Datasheet
40Kb / 4P
   SAW Components
logo
TDK Electronics
B39182B9855P810 TDK-B39182B9855P810 Datasheet
136Kb / 8P
   SAW Components
B39901B8746P810 TDK-B39901B8746P810 Datasheet
98Kb / 7P
   SAW Components
logo
EPCOS
B3529 EPCOS-B3529 Datasheet
99Kb / 8P
   SAW Components
B3513 EPCOS-B3513 Datasheet
68Kb / 6P
   SAW Components
B3525 EPCOS-B3525 Datasheet
63Kb / 7P
   SAW Components
B7683 EPCOS-B7683 Datasheet
156Kb / 13P
   SAW Components
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com