Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39911B3406U410 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39911B3406U410
Description  SAW RF filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39911B3406U410 Datasheet(HTML) 3 Page - TDK Electronics

  B39911B3406U410 Datasheet HTML 1Page - TDK Electronics B39911B3406U410 Datasheet HTML 2Page - TDK Electronics B39911B3406U410 Datasheet HTML 3Page - TDK Electronics B39911B3406U410 Datasheet HTML 4Page - TDK Electronics B39911B3406U410 Datasheet HTML 5Page - TDK Electronics B39911B3406U410 Datasheet HTML 6Page - TDK Electronics B39911B3406U410 Datasheet HTML 7Page - TDK Electronics B39911B3406U410 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
July 09, 2014
B3406
912.50 MHz
SAW Components
SAW RF filter
Data sheet
Please read cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =
50
Terminating load impedance:
ZL =
50
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
912.50
MHz
Maximum insertion attenuation
α
max
908.00 ...
917.00 MHz
2.6
3.6
dB
Amplitude ripple (p-p)
∆α
908.00 ...
917.00 MHz
0.8
1.6
dB
VSWR
Input
908.00 ...
917.00 MHz
1.4:1
1.9:1
Output
908.00 ...
917.00 MHz
1.4:1
1.9:1
Absolute attenuation
α
abs
10.00 ...
873.00 MHz
42
47
dB
873.00 ...
894.00 MHz
34
40
dB
934.00 ...
937.00 MHz
34
50
dB
937.00 ... 1000.00 MHz
50
56
dB
1000.00 ... 1500.00 MHz
47
50
dB
1500.00 ... 2600.00 MHz
32
35
dB


Similar Part No. - B39911B3406U410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39911B8740P810 TDK-B39911B8740P810 Datasheet
115Kb / 8P
   SAW Components
More results

Similar Description - B39911B3406U410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39871B3440U410 TDK-B39871B3440U410 Datasheet
139Kb / 8P
   SAW RF filter
logo
Raltron Electronics Cor...
RSF-110.592-560-7050-TR RALTRON-RSF-110.592-560-7050-TR Datasheet
293Kb / 3P
   RF SAW FILTER
RSF-110.592-280-7050-TR RALTRON-RSF-110.592-280-7050-TR Datasheet
220Kb / 3P
   RF SAW FILTER
logo
TDK Electronics
B39921B4301F210 TDK-B39921B4301F210 Datasheet
84Kb / 6P
   SAW RF filter
logo
EPCOS
B3712 EPCOS-B3712_11 Datasheet
51Kb / 6P
   SAW RF filter
logo
Raltron Electronics Cor...
RSF-164.175-122-7050-TR RALTRON-RSF-164.175-122-7050-TR Datasheet
302Kb / 3P
   RF SAW FILTER
RSF-140.000-20400 RALTRON-RSF-140.000-20400 Datasheet
234Kb / 3P
   RF SAW FILTER
RSF-138.240-20000-7050-TR RALTRON-RSF-138.240-20000-7050-TR Datasheet
282Kb / 6P
   RF SAW FILTER
RSF-110.592-1152-5070-TR RALTRON-RSF-110.592-1152-5070-TR Datasheet
280Kb / 3P
   RF SAW FILTER
logo
TDK Electronics
B39931B3926U410 TDK-B39931B3926U410 Datasheet
128Kb / 8P
   SAW RF filter
B39192B5104U410 TDK-B39192B5104U410 Datasheet
129Kb / 8P
   SAW RF filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com