Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT3232 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # CT3232
Description  Low Power Driver /Receiver For MIL-STD-1553 & Macair
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT3232 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  CT3232 Datasheet HTML 1Page - Aeroflex Circuit Technology CT3232 Datasheet HTML 2Page - Aeroflex Circuit Technology CT3232 Datasheet HTML 3Page - Aeroflex Circuit Technology CT3232 Datasheet HTML 4Page - Aeroflex Circuit Technology CT3232 Datasheet HTML 5Page - Aeroflex Circuit Technology CT3232 Datasheet HTML 6Page - Aeroflex Circuit Technology CT3232 Datasheet HTML 7Page - Aeroflex Circuit Technology CT3232 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Aeroflex Circuit Technology
7
SCDCT3232 REV A 6/27/02 Plainview NY (516) 694-6700
Pin #
Function
Pin #
Function
1Tx Data Out
13
+VCCRX
2Tx Data Out
14
NC
3
Ground C
15
Rx Data In
4+VCCTX
16
Rx Data In
5
Ext. Data Threshold
17
Ground A
6
Int. Data Threshold
18
Case
7Rx Data Out
19
-VEERX
8Strobe
20
+VCCL (+5V)
9
Ground B
21
Tx Inhibit
10
Rx Data Out
22
Tx Data In
11
Int. Data Threshold
23
Tx Data In
12
Ext. Data Threshold
24
-VEETX
Table I – CT3232 Pin Out Description (Plug-In & Flat Package)
Figure 6 – Package Outline Drawings
1.27
MAX
24
13
12
1.10
MAX
.24
MIN
.018 DIA.
±.002
.100 Typ
±.002
1.27
.080 ±.015
.009
±.002
Notes:1. Dimensions shown are in inches.
2. Pins are equally spaced at .100 ±.002 tolerance non-cumulative each row.
1.27 MAX
1.10
1.27 MAX
.017
.400
MIN
2 sides
PLUG-IN PACKAGE
.100
0.167 for Low Profile Flat Pack
0.200 for Std Flat Pack
.175
Pin 1 & ESD
Designator
Pin 1 & ESD
Designator
FLAT PACKAGE
TOP VIEW
TOP VIEW
12
13
24
MAX
1.10


Similar Part No. - CT3232

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
CT323-020 DATATRONICS-CT323-020 Datasheet
83Kb / 1P
   SMD Current Sense Transformer
CT323-020 DATATRONICS-CT323-020 Datasheet
116Kb / 1P
   SMD Current Sense Transformer CT323 Series
CT323-030 DATATRONICS-CT323-030 Datasheet
83Kb / 1P
   SMD Current Sense Transformer
CT323-030 DATATRONICS-CT323-030 Datasheet
116Kb / 1P
   SMD Current Sense Transformer CT323 Series
CT323-040 DATATRONICS-CT323-040 Datasheet
83Kb / 1P
   SMD Current Sense Transformer
More results

Similar Description - CT3232

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4444 AEROFLEX-ACT4444 Datasheet
213Kb / 10P
   Transceiver for MIL-STD-1553 /MACAIR in a Chipscale Package
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Aeroflex Circuit Techno...
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
   ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
   ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4808 AEROFLEX-ARX4808 Datasheet
141Kb / 6P
   VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
   Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
logo
Keysight Technologies
N5469A KEYSIGHT-N5469A Datasheet
937Kb / 14P
   MIL-STD 1553 Triggering
logo
Pulse A Technitrol Comp...
H1553-1 PULSE-H1553-1 Datasheet
483Kb / 2P
   MIL-STD-1553 Transformers
logo
Aeroflex Circuit Techno...
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
   Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
logo
Pulse A Technitrol Comp...
Q1553-70 PULSE-Q1553-70 Datasheet
534Kb / 3P
   MIL-STD-1553 Transformers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com