Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39811B4321P810 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39811B4321P810
Description  SAW Components SAW Rx filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39811B4321P810 Datasheet(HTML) 3 Page - TDK Electronics

  B39811B4321P810 Datasheet HTML 1Page - TDK Electronics B39811B4321P810 Datasheet HTML 2Page - TDK Electronics B39811B4321P810 Datasheet HTML 3Page - TDK Electronics B39811B4321P810 Datasheet HTML 4Page - TDK Electronics B39811B4321P810 Datasheet HTML 5Page - TDK Electronics B39811B4321P810 Datasheet HTML 6Page - TDK Electronics B39811B4321P810 Datasheet HTML 7Page - TDK Electronics B39811B4321P810 Datasheet HTML 8Page - TDK Electronics B39811B4321P810 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
December 11, 2013
B4321
806.00 MHz
SAW Components
SAW Rx filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Terminating source impedance:
ZS =50Ω
Terminating load impedance:
ZL = 100 Ω || 56 nH (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
806.00
MHz
Maximum insertion attenuation
α
max
791.25 ... 820.75 MHz
2.8
4.2
dB
@fCarrier
793.50 ... 818.50 MHz
α
LTE
1)
1) Mean value in any 5MHz channel.
2.0
3.1
dB
Amplitude ripple (p-p)
∆α
791.25 ... 820.75 MHz
1.5
2.7
dB
@fCarrier
793.50 ... 818.50 MHz
α
LTE
1)
0.8
1.6
dB
VSWR
791.25 ... 820.75 MHz
1.9
2.3
Common mode rejection ratio
791.25 ... 820.75 MHz
20
30
dB
Attenuation
α
50.00 ...
770.00 MHz
45
55
dB
832.25 ...
838.00 MHz
35
42
dB
838.00 ...
861.75 MHz
38
42
dB
862.00 ... 4000.00 MHz
40
54
dB
4000.00 ... 6000.00 MHz
40
60
dB


Similar Part No. - B39811B4321P810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39811B4070U410 EPCOS-B39811B4070U410 Datasheet
85Kb / 8P
   SAW Components SAW filter 810.00 MHz
B39811B4236H410 EPCOS-B39811B4236H410 Datasheet
198Kb / 10P
   SAW Rx 2in1 filter
More results

Similar Description - B39811B4321P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39182B4328P810 TDK-B39182B4328P810 Datasheet
97Kb / 8P
   SAW Components SAW RX filter
B39821B5046U510 TDK-B39821B5046U510 Datasheet
126Kb / 9P
   SAW Components SAW Rx Filter
B39751B9476M410 TDK-B39751B9476M410 Datasheet
115Kb / 9P
   SAW Components Rx SAW Filter
B39202B4335P810 TDK-B39202B4335P810 Datasheet
135Kb / 9P
   SAW Components SAW Rx Filter
B39162B4308P810 TDK-B39162B4308P810 Datasheet
112Kb / 8P
   SAW Components SAW Rx filter
B39461B5058Z810 TDK-B39461B5058Z810 Datasheet
111Kb / 8P
   SAW Components SAW Rx Filter
B39212B9451P810 TDK-B39212B9451P810 Datasheet
192Kb / 8P
   SAW Components SAW Rx Filter
B39262B9891P810 TDK-B39262B9891P810 Datasheet
104Kb / 8P
   SAW Components SAW Rx filter
B39262B9491P810 TDK-B39262B9491P810 Datasheet
123Kb / 8P
   SAW Components SAW Rx filter
B39741B4339P810 TDK-B39741B4339P810 Datasheet
153Kb / 9P
   SAW Components SAW Rx filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com