Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1594A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1594A
Description  CAT5e (200MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, CMX Outdoor, Premise Horizontal Cable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1594A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1594A Datasheet HTML 1Page - List of Unclassifed Manufacturers 1594A Datasheet HTML 2Page - List of Unclassifed Manufacturers 1594A Datasheet HTML 3Page - List of Unclassifed Manufacturers 1594A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
9.38
Max. Operating Voltage - UL:
Voltage
300 V RMS
Maximum DCR Unbalanced:
DCR Unbalance @ 20°C (%)
3
Electrical Characteristics-Premise (Overall)
Premise Cable Electrical Table 1:
Freq. (MHz) Max. Attenuation (dB/100 m) Min. NEXT (dB) Min. PSNEXT (dB) Min. ACR (dB) Min. PSACR (dB) Min RL (dB) Min. SRL (dB)
1
2.0
65.3
62.3
63.0
60.3
20.0
23
4
4.1
56.3
53.3
51.0
49.2
23.0
23.0
8
5.8
51.8
48.8
46.0
43.0
24.5
24.5
10
6.5
50.3
47.3
43.0
40.8
25.0
25.0
16
8.2
47.3
44.3
39.0
36.0
25.0
25.0
20
9.3
45.8
42.8
36.5
33.5
25.0
25.0
25
10.4
44.3
41.3
33.9
30.9
24.3
24.3
31.25
11.7
42.9
39.9
31.0
28.2
23.6
23.6
62.5
17.0
38.4
35.4
22.0
19.0
21.5
21.5
100
22.0
35.3
32.3
14.0
10.3
20.1
20.1
155
28.1
32.5
29.5
4.4
1.4
15.8
200
32.0
30.8
27.8
4.0
1.0
15.0
Premise Cable Electrical Table 2:
Freq. (MHz) Input (Unfitted) Imp. (Ohms) Fitted Impedance Min. ELFEXT (dB) Min. PSELFEXT (dB)
1
100 ± 15
100 ± 15
63.8
60.8
4
100 ± 15
100 ± 15
51.7
48.7
8
100 ± 15
100 ± 15
45.7
42.7
10
100 ± 15
100 ± 15
43.8
40.8
16
100 ± 15
100 ± 15
39.7
36.7
20
100 ± 15
100 ± 15
37.7
34.7
25
100 ± 15
100 ± 15
35.8
32.8
31.25
100 ± 15
100 ± 15
33.9
30.9
62.5
100 ± 15
100 ± 15
27.8
24.9
100
100 ± 15
100 ± 15
23.8
20.8
155
100 ± 25
100 ± 15
19.9
16.9
200
100 ± 25
100 ± 15
17.7
14.7
Notes (Overall)
Notes: Jacket sequentially marked at 2 ft. intervals. Third party verified to TIA/EIA-568-C.2, Category 5e.
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
1594A 008U1000
1,000 FT
25.000 LB
GRAY
CAT5E 4PR U/UTP CMR/CMX BOX
1594A 009U1000
1,000 FT
25.000 LB
WHITE
CAT5E 4PR U/UTP CMR/CMX BOX
1594A 1GFU1000
1,000 FT
25.000 LB
IVORY 1GF
CAT5E 4PR U/UTP CMR/CMX BOX
Revision Number: 2
Revision Date: 08-14-2013
© 2013 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
Page 3 of 4
09-26-2013
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
1594A Multi-Conductor - Category 5e Nonbonded-Pair Indoor/Outdoor Cable


Similar Part No. - 1594A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1594A BELDEN-1594A Datasheet
158Kb / 3P
   Category 5e Indoor/Outdoor Cable, 4 Pair, U/UTP, CMR/CMX
2022 Belden, Inc
1594A008U1000 BELDEN-1594A008U1000 Datasheet
158Kb / 3P
   Category 5e Indoor/Outdoor Cable, 4 Pair, U/UTP, CMR/CMX
2022 Belden, Inc
1594A009U1000 BELDEN-1594A009U1000 Datasheet
158Kb / 3P
   Category 5e Indoor/Outdoor Cable, 4 Pair, U/UTP, CMR/CMX
2022 Belden, Inc
1594A1GFU1000 BELDEN-1594A1GFU1000 Datasheet
158Kb / 3P
   Category 5e Indoor/Outdoor Cable, 4 Pair, U/UTP, CMR/CMX
2022 Belden, Inc
More results

Similar Description - 1594A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3612 ETC2-3612 Datasheet
110Kb / 4P
   CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, Premise Horizontal Cable
1212F ETC2-1212F Datasheet
109Kb / 3P
   CAT5e (350MHz), 4-Pair, F/UTP-Foil shielded, Riser-CMR, Premise Horizontal Cable
logo
Belden Inc.
1594A BELDEN-1594A Datasheet
158Kb / 3P
   Category 5e Indoor/Outdoor Cable, 4 Pair, U/UTP, CMR/CMX
2022 Belden, Inc
logo
List of Unclassifed Man...
3613 ETC2-3613 Datasheet
111Kb / 4P
   CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
2413 ETC2-2413 Datasheet
116Kb / 5P
   CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
logo
Belden Inc.
2142A BELDEN-2142A Datasheet
154Kb / 3P
   Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMR/CMX
2022 Belden, Inc
1227A1 BELDEN-1227A1 Datasheet
162Kb / 2P
   Category 3 Horizontal Cable, 2 Pair, U/UTP, CMR
2022 Belden, Inc
IOP6AU BELDEN-IOP6AU Datasheet
158Kb / 3P
   Category 6A Indoor/Outdoor Cable, 4 Pair, U/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
IOP6U BELDEN-IOP6U Datasheet
159Kb / 3P
   Category 6 Indoor/Outdoor Cable, 4 Pair, U/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
1212 BELDEN-1212 Datasheet
174Kb / 3P
   Category 5E Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com