Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7C185-25 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # 7C185-25
Description  8K x 8 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

7C185-25 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button 7C185-25 Datasheet HTML 3Page - Cypress Semiconductor 7C185-25 Datasheet HTML 4Page - Cypress Semiconductor 7C185-25 Datasheet HTML 5Page - Cypress Semiconductor 7C185-25 Datasheet HTML 6Page - Cypress Semiconductor 7C185-25 Datasheet HTML 7Page - Cypress Semiconductor 7C185-25 Datasheet HTML 8Page - Cypress Semiconductor 7C185-25 Datasheet HTML 9Page - Cypress Semiconductor 7C185-25 Datasheet HTML 10Page - Cypress Semiconductor 7C185-25 Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CY7C185
Document #: 38-05043 Rev. *A
Page 10 of 11
© Cypress Semiconductor Corporation, 2002. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize
its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
All product and company names mentioned in this document may be the trademarks of their respective holders.
Package Diagrams (continued)
28-Lead (300-Mil) Molded SOJ V21
51-85031-*B


Similar Part No. - 7C185-25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
7C187-15 CYPRESS-7C187-15 Datasheet
142Kb / 9P
   64K x 1 Static RAM
7C187-20 CYPRESS-7C187-20 Datasheet
142Kb / 9P
   64K x 1 Static RAM
7C187-25 CYPRESS-7C187-25 Datasheet
142Kb / 9P
   64K x 1 Static RAM
7C187-35 CYPRESS-7C187-35 Datasheet
142Kb / 9P
   64K x 1 Static RAM
More results

Similar Description - 7C185-25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
logo
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
   8K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C51864 MOSEL-V62C51864 Datasheet
59Kb / 10P
   8K X 8 STATIC RAM
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
   8K x 8 Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
   64K (8K x 8) Static RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com