Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN08146 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # IN08146
Description  Isat is the current at which the inductance drops by 15%.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

IN08146 Datasheet(HTML) 1 Page - ice Components, Ins.

  IN08146 Datasheet HTML 1Page - ice Components, Ins. IN08146 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
ICE Components, Inc.
Tel 678-560-9172 Fax 678-560-9304
cust.serv@icecomp.com
www.icecomponents.com
1165 Allgood Rd., Ste. #20, Marietta, GA 30062
General Information
Customer
Part Number
IN08146
Revision
0
Description
Inductor
Date
JUL-21-2009
Reference
--
Doc Control #
--
Issue (For ICE use only) --
Mechanical Drawing
14.3 MAX
1.5+/-0.1
(X2)
11.5 typ.
0.1 max for
coplannarity
8.2 +/-0.25
IN08146
YYWW
unit:mm
Specification
Sample Test Data
Item
Pins
Spec
Test Condition
Inductance @0Adc S - F
400 nH +/- 10%
500 kHz, 1Vrms, series
Inductance @Isat at
25degC
S - F
300 nH min
500 kHz 1Vrms, series (60 Adc)
DCR
S - F
0.52 mOhm +/- 10% +25 deg C
Isat at 25degC
S - F
60 Adc max
Isat at +125degC
S - F
50 Adc max
Schematic
S
F
Recommended PCB Layout
12.4
10.7
5.7
unit:mm
Remark
1.
Isat is the current at which the inductance
drops by 15%.
2. This is RoHS compliant product.
3. The max operating temperature is 130degC
(ambient + temperature rise).
4.
Inductance vs. Current Curve as attached.
Rev.
Description
PRD
CHK
APP
Date NTFY
0
Initial release
Emily
Gary
L. L. Chou 2009/7/21 2009/7/21
Sample approval is required before
release to production. Sample
specifications take precedence over
customer specifications.
__________________________
Customer Signature
FORM NO. : I10105-02
PAGE 1 OF 2


Similar Part No. - IN08146

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN08140 ICE-IN08140 Datasheet
33Kb / 2P
   This is RoHS compliant product
IN08141 ICE-IN08141 Datasheet
57Kb / 2P
   Isat is the current at which the inductance drops by 20%.
IN08144 ICE-IN08144 Datasheet
35Kb / 2P
   Isat is the current at which the inductance drops by 20%.
IN08145 ICE-IN08145 Datasheet
36Kb / 2P
   Isat is the current at which the inductance drops by 20%.
IN08147 ICE-IN08147 Datasheet
36Kb / 2P
   Isat is the current at which the inductance drops by 15%.
More results

Similar Description - IN08146

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN08132 ICE-IN08132 Datasheet
37Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN09003 ICE-IN09003 Datasheet
36Kb / 2P
   Isat is the current at which the inductance drops by 15%
IN08032 ICE-IN08032 Datasheet
57Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN08006 ICE-IN08006 Datasheet
36Kb / 2P
   Isat is the current at which the inductance drops by 15%.
ICA-2194 ICE-ICA-2194 Datasheet
56Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN08075 ICE-IN08075 Datasheet
36Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN09011 ICE-IN09011 Datasheet
36Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN08050 ICE-IN08050 Datasheet
57Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN08074 ICE-IN08074 Datasheet
36Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN08133 ICE-IN08133 Datasheet
36Kb / 2P
   Isat is the current at which the inductance drops by 15%.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com