Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT93C66A-10SI-2.7 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT93C66A-10SI-2.7
Description  3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C66A-10SI-2.7 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT93C66A-10SI-2.7 Datasheet HTML 7Page - ATMEL Corporation AT93C66A-10SI-2.7 Datasheet HTML 8Page - ATMEL Corporation AT93C66A-10SI-2.7 Datasheet HTML 9Page - ATMEL Corporation AT93C66A-10SI-2.7 Datasheet HTML 10Page - ATMEL Corporation AT93C66A-10SI-2.7 Datasheet HTML 11Page - ATMEL Corporation AT93C66A-10SI-2.7 Datasheet HTML 12Page - ATMEL Corporation AT93C66A-10SI-2.7 Datasheet HTML 13Page - ATMEL Corporation AT93C66A-10SI-2.7 Datasheet HTML 14Page - ATMEL Corporation AT93C66A-10SI-2.7 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
3378F–SEEPR–04/04
Note:
For 2.7V devices used in the 4.5V to 5.5V range, please refer to performance values in the AC and DC characteristics table.
AT93C66A Ordering Information
Ordering Code
Package
Operation Range
AT93C66A-10PI-2.7
AT93C66A-10SI-2.7
AT93C66AW-10SI-2.7
AT93C66A-10TI-2.7
AT93C66AU3-10UI-2.7
AT93C66AY1-10YI-2.7
8P3
8S1
8S2
8A2
8U3-1
8Y1
Industrial
(
−40°C to 85°C)
AT93C66A-10PI-1.8
AT93C66A-10SI-1.8
AT93C66AW-10SI-1.8
AT93C66A-10TI-1.8
AT93C66AU3-10UI-1.8
AT93C66AY1-10YI-1.8
8P3
8S1
8S2
8A2
8U3-1
8Y1
Industrial
(
−40°C to 85°C)
AT93C66A-10SU-2.7
AT93C66A-10SU-1.8
AT93C66A-10TU-2.7
AT93C66A-10TU-1.8
8S1
8S1
8A2
8A2
Lead-free/Halogen-free/
Industrial Temperature
(
−40°C to 85°C)
AT93C66A-10SQ-2.7
8S1
Lead-free/Halogen-free/
High Grade/Extended Temperature
(
−40°C to 125°C)
AT93C66A-10SE-2.7
8S1
High Grade/Extended Temperature
(
−40°C to 125°C)
Package Type
8P3
8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8S2
8-lead, 0.200" Wide, Plastic Gull Wing Small Outline (EIAJ SOIC)
8A2
8-lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP)
8U3-1
8-ball, die Ball Grid Array Package (dBGA2)
8Y1
8-lead, 4.90 mm x 3.00 mm Body, Dual Footprint, Non-leaded, Miniature Array Package (MAP)
Options
−−−−2.7
Low-voltage (2.7V to 5.5V)
−−−−1.8
Low-voltage (1.8V to 5.5V)


Similar Part No. - AT93C66A-10SI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66A-10SU-1.8 ATMEL-AT93C66A-10SU-1.8 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
AT93C66A-10SU-2.7 ATMEL-AT93C66A-10SU-2.7 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
More results

Similar Description - AT93C66A-10SI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
logo
STMicroelectronics
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
   2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
logo
STMicroelectronics
ST24C02 STMICROELECTRONICS-ST24C02 Datasheet
145Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
November 1997
ST24C02R STMICROELECTRONICS-ST24C02R Datasheet
141Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
1997
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com