Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT93C66AW-10SI-2.7 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT93C66AW-10SI-2.7
Description  3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C66AW-10SI-2.7 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT93C66AW-10SI-2.7 Datasheet HTML 1Page - ATMEL Corporation AT93C66AW-10SI-2.7 Datasheet HTML 2Page - ATMEL Corporation AT93C66AW-10SI-2.7 Datasheet HTML 3Page - ATMEL Corporation AT93C66AW-10SI-2.7 Datasheet HTML 4Page - ATMEL Corporation AT93C66AW-10SI-2.7 Datasheet HTML 5Page - ATMEL Corporation AT93C66AW-10SI-2.7 Datasheet HTML 6Page - ATMEL Corporation AT93C66AW-10SI-2.7 Datasheet HTML 7Page - ATMEL Corporation AT93C66AW-10SI-2.7 Datasheet HTML 8Page - ATMEL Corporation AT93C66AW-10SI-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
3378F–SEEPR–04/04
Note:
The X’s in the address field represent don’t care values and must be clocked.
Functional Description
The AT93C56A/66A is accessed via a simple and versatile 3-wire serial communication
interface. Device operation is controlled by seven instructions issued by the host pro-
cessor. A valid instruction starts with a rising edge of CS and consists of a Start Bit
(logic “1”) followed by the appropriate Op Code and the desired memory address
location.
READ (READ): The Read (READ) instruction contains the address code for the mem-
ory location to be read. After the instruction and address are decoded, data from the
selected memory location is available at the serial output pin DO. Output data changes
are synchronized with the rising edges of serial clock SK. It should be noted that a
dummy bit (logic “0”) precedes the 8- or 16-bit data output string. The AT93C56A/66A
supports sequential read operations. The device will automatically increment the inter-
nal address pointer and clock out the next memory location as long as Chip Select (CS)
is held high. In this case, the dummy bit (logic “0”) will not be clocked out between mem-
ory locations, thus allowing for a continuous stream of data to be read.
ERASE/WRITE (EWEN): To assure data integrity, the part automatically goes into the
Erase/Write Disable (EWDS) state when power is first applied. An Erase/Write Enable
(EWEN) instruction must be executed first before any programming instructions can be
carried out. Please note that once in the EWEN state, programming remains enabled
until an EWDS instruction is executed or VCC power is removed from the part.
ERASE (ERASE): The Erase (ERASE) instruction programs all bits in the specified
memory location to the logical “1” state. The self-timed erase cycle starts once the
ERASE instruction and address are decoded. The DO pin outputs the READY/BUSY
status of the part if CS is brought high after being kept low for a minimum of 250 ns (tCS).
A logic “1” at pin DO indicates that the selected memory location has been erased, and
the part is ready for another instruction.
Instruction Set for the AT93C56A and AT93C66A
Instruction
SB
Op
Code
Address
Data
Comments
x 8
x 16
x 8
x 16
READ
1
10
A8 – A0
A7 – A0
Reads data stored in memory, at
specified address.
EWEN
1
00
11XXXXXXX
11XXXXXX
Write enable must precede all
programming modes.
ERASE
1
11
A
8 – A0
A
7 – A0
Erases memory location A
n – A0.
WRITE
1
01
A
8 – A0
A
7 – A0
D
7 – D0
D
15 – D0
Writes memory location A
n – A0.
ERAL
1
00
10XXXXXXX
10XXXXXX
Erases all memory locations. Valid
only at VCC = 4.5V to 5.5V.
WRAL
1
00
01XXXXXXX
01XXXXXX
D
7 – D0
D
15 – D0
Writes all memory locations. Valid
only at V
CC = 5.0V ±10% and Disable
Register cleared.
EWDS
1
00
00XXXXXXX
00XXXXXX
Disables all programming instructions.


Similar Part No. - AT93C66AW-10SI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66AW-10SU-1.8 ATMEL-AT93C66AW-10SU-1.8 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
AT93C66AW-10SU-2.7 ATMEL-AT93C66AW-10SU-2.7 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
More results

Similar Description - AT93C66AW-10SI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
logo
STMicroelectronics
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
   2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
logo
STMicroelectronics
ST24C02 STMICROELECTRONICS-ST24C02 Datasheet
145Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
November 1997
ST24C02R STMICROELECTRONICS-ST24C02R Datasheet
141Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
1997
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com