Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C185-15PC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C185-15PC
Description  8K x 8 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C185-15PC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C185-15PC Datasheet HTML 3Page - Cypress Semiconductor CY7C185-15PC Datasheet HTML 4Page - Cypress Semiconductor CY7C185-15PC Datasheet HTML 5Page - Cypress Semiconductor CY7C185-15PC Datasheet HTML 6Page - Cypress Semiconductor CY7C185-15PC Datasheet HTML 7Page - Cypress Semiconductor CY7C185-15PC Datasheet HTML 8Page - Cypress Semiconductor CY7C185-15PC Datasheet HTML 9Page - Cypress Semiconductor CY7C185-15PC Datasheet HTML 10Page - Cypress Semiconductor CY7C185-15PC Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CY7C185
Document #: 38-05043 Rev. *A
Page 8 of 11
Truth Table
CE1
CE2
WE
OE
Input/Output
Mode
H
X
X
X
High Z
Deselect/Power-Down
X
L
X
X
High Z
Deselect/Power-Down
L
H
H
L
Data Out
Read
L
H
L
X
Data In
Write
L
H
H
H
High Z
Deselect
Address Designators
Address
Name
Address
Function
Pin
Number
A4
X3
2
A5
X4
3
A6
X5
4
A7
X6
5
A8
X7
6
A9
Y1
7
A10
Y4
8
A11
Y3
9
A12
Y0
10
A0
Y2
21
A1
X0
23
A2
X1
24
A3
X2
25
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
15
CY7C185-15PC
P21
28-Lead (300-Mil) Molded DIP
Commercial
CY7C185-15SC
S21
28-Lead Molded SOIC
CY7C185-15VC
V21
28-Lead Molded SOJ
CY7C185-15VI
V21
28-Lead Molded SOJ
Industrial
20
CY7C185-20PC
P21
28-Lead (300-Mil) Molded DIP
Commercial
CY7C185-20SC
S21
28-Lead Molded SOIC
CY7C185-20VC
V21
28-Lead Molded SOJ
CY7C185-20VI
V21
28-Lead Molded SOJ
Industrial
25
CY7C185-25PC
P21
28-Lead (300-Mil) Molded DIP
Commercial
CY7C185-25SC
S21
28-Lead Molded SOIC
CY7C185-25VC
V21
28-Lead Molded SOJ
CY7C185-25VI
V21
28-Lead Molded SOJ
Industrial
35
CY7C185-35PC
P21
28-Lead (300-Mil) Molded DIP
Commercial
CY7C185-35SC
S21
28-Lead Molded SOIC
CY7C185-35VC
V21
28-Lead Molded SOJ
CY7C185-35VI
V21
28-Lead Molded SOJ
Industrial


Similar Part No. - CY7C185-15PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C185-15PC CYPRESS-CY7C185-15PC Datasheet
200Kb / 11P
   8K x 8 Static RAM
More results

Similar Description - CY7C185-15PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
logo
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
   8K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C51864 MOSEL-V62C51864 Datasheet
59Kb / 10P
   8K X 8 STATIC RAM
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
   8K x 8 Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
   64K (8K x 8) Static RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com