Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

81320601000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 81320601000
Description  28 AWG stranded (7x36) TC conductors, Datalene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

81320601000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  81320601000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 81320601000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 81320601000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AWM Specification:
UL Style 2919 (30 V 80°C)
EU Directive 2011/65/EU (ROHS II):
Yes
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 UL Loading
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
120
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
36.091
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
65.62
Nominal Velocity of Propagation:
VP (%)
78
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
213.265
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
16.7331
Max. Operating Voltage - UL:
Voltage
Description
30 V RMS
UL AWM Style 2919
150 V RMS CL2
Max. Recommended Current:
Current
1 Amp per conductor @ 25°C
Notes (Overall)
Notes: Datalene® insulation features include low dielectric constant and a dissipation factor for high-speed, low-distortion data
handling. Physical properties include good crush resistance and light weight.
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8132 060100
30 MT
1.497 KG
CHROME
2 PR #28 FHDPE SH PVC
8132 0601000
305 MT
13.154 KG
CHROME
C
2 PR #28 FHDPE SH PVC
Page 2 of 3
10-30-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8132 Multi-Conductor - Low Capacitance Computer Cable for EIA RS-232/485


Similar Part No. - 81320601000

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8132 SONARDYNE-8132 Datasheet
275Kb / 2P
   Dynamic Positioning Transponder with Inclinometer (DPTi)
logo
List of Unclassifed Man...
8132 ETC1-8132 Datasheet
30Kb / 1P
   Diagonal cutters oval
logo
Belden Inc.
8132 BELDEN-8132 Datasheet
195Kb / 2P
   RS232/485 Low Cap, #28-2pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
01-20-2023
logo
Unisonic Technologies
8132-AB3-D-B UTC-8132-AB3-D-B Datasheet
201Kb / 6P
   POWER RESET IC
8132-AB3-D-K UTC-8132-AB3-D-K Datasheet
201Kb / 6P
   POWER RESET IC
More results

Similar Description - 81320601000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345055 ETC2-1345055 Datasheet
100Kb / 3P
   28 AWG stranded (7x36) TC conductors, Datalene insulation
28526 ETC2-28526 Datasheet
33Kb / 3P
   28 AWG stranded (7x36) TC conductors, Datalene insulation
1345998 ETC2-1345998 Datasheet
100Kb / 3P
   28 AWG stranded (7x36) TC conductors, Datalene insulation
1348175 ETC2-1348175 Datasheet
99Kb / 3P
   28 AWG stranded (7x36) TC conductors, polypropylene insulation,
1348167 ETC2-1348167 Datasheet
99Kb / 3P
   28 AWG stranded (7x36) TC conductors, polypropylene insulation
8105 ETC2-8105 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347497 ETC2-1347497 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1748352 ETC2-1748352 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
8103 ETC2-8103 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347816 ETC2-1347816 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com