Electronic Components Datasheet Search |
|
8723060U2000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
8723060U2000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 3 page For more Information please call 1-800-Belden1 Description: 22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation, twisted pairs, individually Beldfoil® shielded (100% coverage), 24 AWG stranded tinned copper drain wire, PVC jacket. Physical Characteristics (Overall) Conductor AWG: # Pairs AWG Stranding Conductor Material 2 22 7x30 TC - Tinned Copper Insulation Insulation Material: Insulation Material PP - Polypropylene Inner Shield Inner Shield Material: Inner Shield Trade Name Type Inner Shield Material Coverage (%) Beldfoil® (Z-Fold®) Tape Aluminum Foil-Polyester Tape 100 Inner Shield Drain Wire AWG: AWG 24 Inner Shield Drain Wire Stranding: 7x32 Inner Shield Drain Wire Conductor Material: TC - Tinned Copper Outer Shield Outer Shield Material: Outer Shield Material Unshielded Outer Jacket Outer Jacket Material: Outer Jacket Material PVC - Polyvinyl Chloride Overall Cable Overall Nominal Diameter: 0.160 in. Pair Pair Color Code Chart: Number Color 1 Red & Black 2 Green & White Pair Lay Length & Direction: Lay Length (in.) Twists (twist/ft) 1.500 8.000 Mechanical Characteristics (Overall) UL Temperature Rating: 60°C Page 1 of 3 06-06-2012 Detailed Specifications & Technical Data ENGLISH MEASUREMENT VERSION 8723 Multi-Conductor - Shielded Twisted Pair Cable |
Similar Part No. - 8723060U2000 |
|
Similar Description - 8723060U2000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |