Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9534060U500 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9534060U500
Description  24 AWG stranded (7x32) tinned copper conductors, conductors cabled, PVC insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9534060U500 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9534060U500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9534060U500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9534060U500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
24 AWG stranded (7x32) tinned copper conductors, conductors cabled, PVC insulation, overall Beldfoil®
shield (100% coverage), 24 AWG stranded tinned copper drain wire, PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Conductors AWG Stranding Conductor Material
4
24
7x32
TC - Tinned Copper
Total Number of Conductors:
4
Insulation
Insulation Material:
Insulation Material
Wall Thickness (mm)
PVC - Polyvinyl Chloride 0.254
Outer Shield
Outer Shield Material:
Outer Shield Trade Name Outer Shield Material
Coverage (%)
Beldfoil®
Aluminum Foil-Polyester Tape 100
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
24
7x32
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (mm)
PVC - Polyvinyl Chloride 0.8128
Overall Cable
Overall Cabling Color Code Chart:
Number Color
1
Black
2
White
3
Red
4
Green
Overall Nominal Diameter:
4.674 mm
Mechanical Characteristics (Overall)
Operating Temperature Range:
-30°C To +80°C
UL Temperature Rating:
80°C (UL AWM Style 2464)
Bulk Cable Weight:
29.764 Kg/Km
Max. Recommended Pulling Tension:
97.860 N
Min. Bend Radius/Minor Axis:
50.800 mm
Page 1 of 3
10-30-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9534 Multi-Conductor - Computer Cable for EIA RS-232 Applications


Similar Part No. - 9534060U500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9534060U500 ETC2-9534060U500 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation
More results

Similar Description - 9534060U500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28513 ETC2-28513 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation
28494 ETC2-28494 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation
1346243 ETC2-1346243 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled
28489 ETC2-28489 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled
28509 ETC2-28509 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation
28498 ETC2-28498 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation, overall Beldfoil
1345399 ETC2-1345399 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, semi-rigid PVC insulation
1347867 ETC2-1347867 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, semi-rigid PVC insulation
1351316 ETC2-1351316 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors
1351642 ETC2-1351642 Datasheet
103Kb / 4P
   24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com