Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83317E009500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 83317E009500
Description  26 AWG stranded (7x34) silver-plated copper conductors, cabled and color-coded, extruded TFE Teflon
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

83317E009500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  83317E009500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 83317E009500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 83317E009500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Military Specification:
MIL-W-16878/4 (Type E insulated conductors)
Flame Test
UL Flame Test:
UL1685 UL Loading, VW-1
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Inductance:
Inductance (µH/ft)
.14
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/ft)
20.8
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/ft)
35.5
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
39
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
7
Max. Operating Voltage - UL:
Voltage
600 V RMS
Max. Recommended Current:
Current
3 Amps per conductor @ 25°C
Notes (Overall)
Notes: Teflon® is a registered trademark of E. I. duPont de Nemours and Co. used under license by Belden, Inc.
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
83317E 009100
100 FT
1.300 LB
WHITE
E
2 #26 TFE BRD TFE TAPE
83317E 0091000
1,000 FT
13.000 LB
WHITE
E
2 #26 TFE BRD TFE TAPE
83317E 009500
500 FT
6.500 LB
WHITE
E
2 #26 TFE BRD TFE TAPE
Notes:
E = MAY CONTAIN MORE THAN 1 PIECE. MINIMUM LENGTH OF ANY ONE PIECE IS 25'
Page 2 of 3
02-01-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
83317E Multi-Conductor - MIL-W-16878/4 (Type E), 2 Conductors Cabled


Similar Part No. - 83317E009500

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
83317E BELDEN-83317E Datasheet
152Kb / 2P
   Electronic, 2 C #26 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,MIL-W-16878/4 (Type E)
01-20-2023
83317E-009100 BELDEN-83317E-009100 Datasheet
152Kb / 2P
   Electronic, 2 C #26 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,MIL-W-16878/4 (Type E)
01-20-2023
83317E-0091000 BELDEN-83317E-0091000 Datasheet
152Kb / 2P
   Electronic, 2 C #26 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,MIL-W-16878/4 (Type E)
01-20-2023
83317E-009500 BELDEN-83317E-009500 Datasheet
152Kb / 2P
   Electronic, 2 C #26 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,MIL-W-16878/4 (Type E)
01-20-2023
More results

Similar Description - 83317E009500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1351812 ETC2-1351812 Datasheet
98Kb / 3P
   22 AWG stranded (19x34) silver-plated copper conductors, cabled and color-coded
1345870 ETC2-1345870 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon.
1682729 ETC2-1682729 Datasheet
98Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1748282 ETC2-1748282 Datasheet
100Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon.
1344547 ETC2-1344547 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1344551 ETC2-1344551 Datasheet
94Kb / 2P
   Stranded silver-coated copper conductor insulatioin with extruded TFE Teflon
1344848 ETC2-1344848 Datasheet
96Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1748283 ETC2-1748283 Datasheet
99Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1345973 ETC2-1345973 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1344538 ETC2-1344538 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulatioin with extruded TFE Teflon
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com