Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C185-20PC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C185-20PC
Description  8K x 8 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C185-20PC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C185-20PC Datasheet HTML 3Page - Cypress Semiconductor CY7C185-20PC Datasheet HTML 4Page - Cypress Semiconductor CY7C185-20PC Datasheet HTML 5Page - Cypress Semiconductor CY7C185-20PC Datasheet HTML 6Page - Cypress Semiconductor CY7C185-20PC Datasheet HTML 7Page - Cypress Semiconductor CY7C185-20PC Datasheet HTML 8Page - Cypress Semiconductor CY7C185-20PC Datasheet HTML 9Page - Cypress Semiconductor CY7C185-20PC Datasheet HTML 10Page - Cypress Semiconductor CY7C185-20PC Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY7C185
Document #: 38-05043 Rev. *A
Page 9 of 11
Package Diagrams
51-85014-*B
28-Lead (300-Mil) Molded DIP P21
28-Lead (300-Mil) Molded SOIC S21
51-85026-*A


Similar Part No. - CY7C185-20PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C185-20PC CYPRESS-CY7C185-20PC Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY7C185-20PC CYPRESS-CY7C185-20PC Datasheet
200Kb / 11P
   8K x 8 Static RAM
More results

Similar Description - CY7C185-20PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
logo
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
   8K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C51864 MOSEL-V62C51864 Datasheet
59Kb / 10P
   8K X 8 STATIC RAM
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
   8K x 8 Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
   64K (8K x 8) Static RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com