Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2Y-S-DC5V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # DS2Y-S-DC5V
Description  2 Form C contact High sensitivity-200 mW nominal operating power
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DS2Y-S-DC5V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  DS2Y-S-DC5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) DS2Y-S-DC5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) DS2Y-S-DC5V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS2Y
196
TYPES AND COIL DATA (at 20
°C 68°F)
Single side stable
(Note) Standard packing: Carton: 50 pcs. Case: 500 pcs.
2 coil latching
(Note) Standard packing: Carton: 50 pcs. Case: 500 pcs.
Nominal
voltage,
V DC
Part No.
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Nominal operating
current
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating
power mW
Maximum allow-
able voltage, V DC
(at 50
°C 122°F )
1.5
DS2Y-S-DC1.5V
1.05
0.15
132.7
11.3
200
3
3
DS2Y-S-DC3V
2.10
0.3
66.7
45
200
6
5
DS2Y-S-DC5V
3.5
0.5
40
125
200
10
6
DS2Y-S-DC6V
4.2
0.6
33.3
180
200
12
9
DS2Y-S-DC9V
6.3
0.9
22.2
405
200
18
12
DS2Y-S-DC12V
8.4
1.2
16.7
720
200
24
24
DS2Y-S-DC24V
16.8
2.4
8.3
2,880
200
48
48
DS2Y-S-DC48V
33.6
4.8
6.3
7,680
300
86
Nominal
voltage,
V DC
Part No.
Reset set,
V DC (max.)
Nominal operating
current mA (
±10%)
Coil resistance,
(
±10%)
Nominal operating
power, mW
Maximum allow-
able voltage, V DC
(at 50
°C 122°F )
Set
Reset
Set
Reset
Set
Reset
1.5
DS2Y-SL2-DC1.5V
1.05
120
120
12.5
12.5
180
180
3
3
DS2Y-SL2-DC3V
2.1
60
60
50
50
180
180
6
5
DS2Y-SL2-DC5V
3.5
36
36
139
139
180
180
10
6
DS2Y-SL2-DC6V
4.2
30
30
200
200
180
180
12
9
DS2Y-SL2-DC9V
6.3
20
20
450
450
180
180
18
12
DS2Y-SL2-DC12V
8.4
15
15
800
800
180
180
24
24
DS2Y-SL2-DC24V
16.8
7.5
7.5
3,200
3,200
180
180
48
48
DS2Y-SL2-DC48V
33.6
7.5
7.5
6,400
6,400
360
360
72
DIMENSIONS
mm inch
Single side stable
General tolerance:
±0.3 ± .012
5.08
.200
5.08
.200
9.3
.366
20
.787
7.62
.300
0.6
.024
2.0
.078
0.6
.024
0.6
.024
3.4
.134
0.3
.012
5.6
.220
7.62
.300
9.9
.390
PC board pattern (Copper-side view)
Tolerance:
±0.1 ± .004
2.54
.100
2.54
.100
8-0.9 dia
8-.035 dia
7.62
.300
matching 16 pin IC socket
Schematic (Bottom view)
(Deenergized position)
*A polarity bar shows the relay direction.
N.O.
8
Direction indication*
9
N.O.
13
COM
16
N.C.
6
COM
4
11
N.C.
+
1
2 coil latching
General tolerance:
±0.3 ± .012
5.08
.200
5.08
.200
9.3
.366
20
.787
0.6
.024
2.0
.078
0.6
.024
0.6
.024
3.4
.134
0.3
.012
5.6
.220
7.62
.300
9.9
.390
5.08
.200 2.54
.100
PC board pattern (Copper-side view)
Tolerance:
±0.1 ± .004
2.54
.100
2.54
.100
10-0.9 dia
10-.035 dia
7.62
.300
matching 16 pin IC socket
Schematic (Bottom view)
(Reset position)
*A polarity bar shows the relay direction.
SET
8
Direction indication*
9
SET
13
COM
15
RST
6
COM
4
11
RST
+
2
16
+
1
Diagram shows the “reset” posetion when
terminals 2 and 15 are energized. Energize
terminals 1 and 16 to transfer contacts.


Similar Part No. - DS2Y-S-DC5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DS2Y-S-DC5V PANASONIC-DS2Y-S-DC5V Datasheet
73Kb / 3P
   Miniature Relay DS2Y RELAYS
More results

Similar Description - DS2Y-S-DC5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HY1-3V PANASONIC-HY1-3V Datasheet
79Kb / 4P
   Non-polarized 1 Form C relay that realizes nominal operating power of 150 mW
logo
Panasonic Battery Group
HY PANASONICBATTERY-HY Datasheet
84Kb / 4P
   Non-polarized 1 Form C relay that realizes nominal operating power of 150 mW
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
TXS2-3V PANASONIC-TXS2-3V Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
logo
Nais(Matsushita Electri...
DS2YE-S-DC5V NAIS-DS2YE-S-DC5V Datasheet
317Kb / 3P
   2 FORM C-200 mW SENSITIVE MINIATURE RELAY 1500 V FCC SURGE WITHSTAND
logo
Panasonic Semiconductor
AGN2001H PANASONIC-AGN2001H Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
logo
Hongfa Technology
HFD27 HONGFA-HFD27_17 Datasheet
59Kb / 3P
   2 Form C configuration
logo
Ningbo Tianbo Ganglian ...
TRA5 TIANBO-TRA5 Datasheet
1Mb / 3P
   2 form A contact arrangements
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
   Contact Form: C226S: 1 Form A / C326S: 2 Form A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com