Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5307 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN5307
Description  High-Efficiency Step-Down DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5307 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5307 Datasheet HTML 2Page - Fairchild Semiconductor FAN5307 Datasheet HTML 3Page - Fairchild Semiconductor FAN5307 Datasheet HTML 4Page - Fairchild Semiconductor FAN5307 Datasheet HTML 5Page - Fairchild Semiconductor FAN5307 Datasheet HTML 6Page - Fairchild Semiconductor FAN5307 Datasheet HTML 7Page - Fairchild Semiconductor FAN5307 Datasheet HTML 8Page - Fairchild Semiconductor FAN5307 Datasheet HTML 9Page - Fairchild Semiconductor FAN5307 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
www.fairchildsemi.com
FAN5307 Rev. 1.0.4
Typical Performance Characteristics
(TA = 25°C, CIN = COUT = 10µF, L = 10µH, VOUT = 1.8V, unless otherwise noted.)
START-UP
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
EFFICIENCY vs. LOAD CURRENT
VOUT = 1.8V
Load Current [mA]
0.01
0.1
1
10
100
1000
65
70
75
80
85
90
95
100
NO LOAD QUIESCENT CURRENT
vs. INPUT VOLTAGE
Input Voltage [V]
2.5
3.0
3.5
4.0
4.5
5.0
5.5
14
16
18
20
22
24
26
TA=+85ºC
TA=+25ºC
TA=-40ºC
VIN=2.5V
VIN=3.6V
VIN=5.5V
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80
Temperature [ºC]
880
900
920
940
960
980
1000
1020
1040
1060
FREQUENCY vs. TEMPERATURE
V
IN=2.5V
V
IN=3.6V
V
IN=5.5V
POWER SAVE (PFM) MODE OPERATION


Similar Part No. - FAN5307

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308 FAIRCHILD-FAN5308 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308MPX FAIRCHILD-FAN5308MPX Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308MPX FAIRCHILD-FAN5308MPX Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
More results

Similar Description - FAN5307

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Texas Instruments
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Linear Technology
LTC1265 LINER-LTC1265 Datasheet
226Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com