Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT93C66A-10SU-2.7 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT93C66A-10SU-2.7
Description  3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C66A-10SU-2.7 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT93C66A-10SU-2.7 Datasheet HTML 1Page - ATMEL Corporation AT93C66A-10SU-2.7 Datasheet HTML 2Page - ATMEL Corporation AT93C66A-10SU-2.7 Datasheet HTML 3Page - ATMEL Corporation AT93C66A-10SU-2.7 Datasheet HTML 4Page - ATMEL Corporation AT93C66A-10SU-2.7 Datasheet HTML 5Page - ATMEL Corporation AT93C66A-10SU-2.7 Datasheet HTML 6Page - ATMEL Corporation AT93C66A-10SU-2.7 Datasheet HTML 7Page - ATMEL Corporation AT93C66A-10SU-2.7 Datasheet HTML 8Page - ATMEL Corporation AT93C66A-10SU-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
3378F–SEEPR–04/04
Note:
1. This parameter is characterized and is not 100% tested.
Note:
1. VIL min and VIH max are reference only and are not tested.
Pin Capacitance
(1)
Applicable over recommended operating range from T
A = 25°C, f = 1.0 MHz, VCC = +5.0V (unless otherwise noted).
Symbol
Test Conditions
Max
Units
Conditions
C
OUT
Output Capacitance (DO)
5
pF
V
OUT = 0V
CIN
Input Capacitance (CS, SK, DI)
5
pF
VIN = 0V
DC Characteristics
Applicable over recommended operating range from: T AI = 40°C to +85°C, VCC = +1.8V to +5.5V,
TAE = 40°C to +125°C, VCC = +1.8V to +5.5V (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VCC1
Supply Voltage
1.8
5.5
V
VCC2
Supply Voltage
2.7
5.5
V
VCC3
Supply Voltage
4.5
5.5
V
ICC
Supply Current
VCC = 5.0V
READ at 1.0 MHz
0.5
2.0
mA
WRITE at 1.0 MHz
0.5
2.0
mA
I
SB1
Standby Current
V
CC = 1.8V
CS = 0V
0
0.1
µA
ISB2
Standby Current
VCC = 2.7V
CS = 0V
6.0
10.0
µA
ISB3
Standby Current
VCC = 5.0V
CS = 0V
17
30
µA
IIL
Input Leakage
VIN = 0V to VCC
0.1
3.0
µA
I
OL
Output Leakage
V
IN = 0V to VCC
0.1
3.0
µA
V
IL1
(1)
V
IH1
(1)
Input Low Voltage
Input High Voltage
2.7V
≤ V
CC ≤ 5.5V
−0.6
2.0
0.8
V
CC + 1
V
VIL2
(1)
VIH2
(1)
Input Low Voltage
Input High Voltage
1.8V
≤ V
CC ≤ 2.7V
−0.6
VCC x 0.7
VCC x 0.3
VCC + 1
V
V
OL1
VOH1
Output Low Voltage
Output High Voltage
2.7V
≤ V
CC ≤ 5.5V
IOL = 2.1 mA
0.4
V
IOH = −0.4 mA
2.4
V
VOL2
VOH2
Output Low Voltage
Output High Voltage
1.8V
≤ V
CC ≤ 2.7V
I
OL = 0.15 mA
0.2
V
I
OH = −100 µA
V
CC − 0.2
V


Similar Part No. - AT93C66A-10SU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66A-10SU-2.7 ATMEL-AT93C66A-10SU-2.7 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
More results

Similar Description - AT93C66A-10SU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
logo
STMicroelectronics
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
   2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
logo
STMicroelectronics
ST24C02 STMICROELECTRONICS-ST24C02 Datasheet
145Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
November 1997
ST24C02R STMICROELECTRONICS-ST24C02R Datasheet
141Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
1997
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com