Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1212004U1000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1212004U1000
Description  Minimized skew for parallel transmission protocols
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1212004U1000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1212004U1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1212004U1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1212004U1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1212004U1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The Belden IBDN
1200 Solution provides
the advanced performance
required to fully support
today’s broad spectrum of
business applications and
the extended bandwidth
required to support
future growth.
Applications
DataTwist 1200 Cable is intended to be
used for horizontal cable installations of
high speed Local Area Networks (LANs) for
transmission speeds up to 1.2 Gb/s.
Specific applications include:
1000BASE-T Ethernet (1000 Mb/s)
155 Mb/s ATM, 100 Mb/s TP-PMD,
100 Mb/s Ethernet (100BASE-T), and
other systems using up to 622 Mb/s
transmission speeds
10 Mb/s Ethernet
(ANSI/IEEE 802.3 10BASE-T)
4 Mb/s and 16 Mb/s Token Ring
(ANSI/IEEE 802.5)
Broadband video
(77 channels at 550 MHz)
Features & Benefits
Minimized skew for parallel
transmission protocols
High flexibility design eases cable installation
and dressing
Size minimized for compactness
of installations
Materials selected to support 25-year
performance warranties
Descending distance marking for cable length
reduces waste
Matching tip and ring color code for ease
of installation
Available in CMR, CMP and LSZH versions
Technical Specifications
Physical Characteristics
Conductors: 24 AWG solid copper
Insulation:
- Plenum (Dual Insulation):
Under layer: Polyolefin base
Over layer: Fluorinated Ethylene
Propylene (FEP)
- Riser and LSZH: Polyolefin (PE)
Cable Core: Four twisted pairs formed
into a cable core
Jacket w/ Rip Cord:
- Plenum: LSPVC
- Riser: PVC
- LSZH: Low Smoke Zero Halogen
Polymer Alloy
- Jacket printed at intervals indicating cable
code, AWG, listings (NEC Code), verification,
date, manufacturing traceability code
- Descending length markings start
at highest number and end at 0
DataTwist 1200 Cables
DataTwist 1200 Cables
support high-speed LANs
and a wide array of applications.
NP-288r1 DataTwist 1200 Cables.qxd:Layout 1
10/11/10
10:04 AM
Page 2


Similar Part No. - 1212004U1000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1212004U1000 BELDEN-1212004U1000 Datasheet
174Kb / 3P
   Category 5E Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
More results

Similar Description - 1212004U1000

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM327LP ELM-ELM327LP Datasheet
471Kb / 94P
   Automatically searches for protocols
logo
TT Electronics.
QS001 TTELEC-QS001 Datasheet
304Kb / 1P
   Parallel transmission line terminator
logo
STMicroelectronics
STP3NK50Z STMICROELECTRONICS-STP3NK50Z Datasheet
626Kb / 14P
   Gate charge minimized
August 2013 Rev 1
STW9NK95Z STMICROELECTRONICS-STW9NK95Z Datasheet
312Kb / 12P
   Gate charge minimized
July 2008 Rev 2
STDLED656 STMICROELECTRONICS-STDLED656 Datasheet
1Mb / 22P
   Gate charge minimized
March 2013 Rev 1
STDLED625H STMICROELECTRONICS-STDLED625H Datasheet
1Mb / 17P
   Gate charge minimized
March 2013 Rev 1
STF16N50U STMICROELECTRONICS-STF16N50U Datasheet
691Kb / 12P
   Gate charge minimized
September 2010 Rev 1
STU3N45K3 STMICROELECTRONICS-STU3N45K3 Datasheet
838Kb / 14P
   Gate charge minimized
June 2013 Rev 3
STQ1HN60K3-AP STMICROELECTRONICS-STQ1HN60K3-AP Datasheet
1Mb / 14P
   Gate charge minimized
April 2013 Rev 1
STD3N40K3 STMICROELECTRONICS-STD3N40K3 Datasheet
990Kb / 16P
   Gate charge minimized
July 2012 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com