Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSDL0165RN Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSDL0165RN
Description  Green Mode Fairchild Power Switch (FPSTM)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDL0165RN Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSDL0165RN Datasheet HTML 1Page - Fairchild Semiconductor FSDL0165RN Datasheet HTML 2Page - Fairchild Semiconductor FSDL0165RN Datasheet HTML 3Page - Fairchild Semiconductor FSDL0165RN Datasheet HTML 4Page - Fairchild Semiconductor FSDL0165RN Datasheet HTML 5Page - Fairchild Semiconductor FSDL0165RN Datasheet HTML 6Page - Fairchild Semiconductor FSDL0165RN Datasheet HTML 7Page - Fairchild Semiconductor FSDL0165RN Datasheet HTML 8Page - Fairchild Semiconductor FSDL0165RN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
FSDL0365RN, FSDM0365RN
4
Absolute Maximum Ratings
(Ta=25
°C, unless otherwise specified)
Note:
1. Repetitive rating: Pulse width limited by maximum junction temperature
2. L = 51mH, starting Tj = 25
°C
3. L = 13
µH, starting Tj = 25°C
4. Vsd is shutdown feedback voltage ( see Protection Section in Electrical Characteristics )
Thermal Impedance
Note:
1. Free standing with no heatsink.
2. Measured on the GND pin close to plastic interface.
3. Soldered to 0.36 sq. inch(232mm2), 2 oz.(610g/m2) copper clad.
Characteristic
Symbol
Value
Unit
Drain Current Pulsed(1)
IDM
12.0
ADC
Single Pulsed Avalanche Energy(2)
EAS
127
mJ
Maximum Supply Voltage
VCC,MAX
20
V
Analog Input Voltage Range
VFB
-0.3 to VSD
V
Total Power Dissipation
PD
1.56
W
Operating Junction Temperature.
TJ
+150
°C
Operating Ambient Temperature.
TA
-25 to +85
°C
Storage Temperature Range.
TSTG
-55 to +150
°C
Parameter
Symbol
Value
Unit
8DIP
Junction-to-Ambient Thermal
θJA(1)
85.74
°C/W(3)
Junction-to-Case Thermal
θJC(2)
30.38
°C/W


Similar Part No. - FSDL0165RN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDL0165RN FAIRCHILD-FSDL0165RN Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0165RN FAIRCHILD-FSDL0165RN Datasheet
914Kb / 20P
   Green Mode Fairchild Power Switch (FPS TM)
FSDL0165RN FAIRCHILD-FSDL0165RN Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0165RN FAIRCHILD-FSDL0165RN Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0165RN FAIRCHILD-FSDL0165RN Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSDL0165RN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM101 FAIRCHILD-FSDM101 Datasheet
542Kb / 14P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0365RN FAIRCHILD-FSDL0365RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RBWDTU FAIRCHILD-FSDM0565RBWDTU Datasheet
267Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RB FAIRCHILD-FSDM0565RB_06 Datasheet
470Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM311 FAIRCHILD-FSDM311 Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0170RNB FAIRCHILD-FSDH0170RNB Datasheet
598Kb / 19P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0165RN FAIRCHILD-FSDL0165RN Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSD210 FAIRCHILD-FSD210 Datasheet
391Kb / 18P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0265RN FAIRCHILD-FSDH0265RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSES0765RG FAIRCHILD-FSES0765RG Datasheet
249Kb / 18P
   Green Mode Fairchild Power Switch (FPS) for Green Mode Fairchild Power Switch (FPSTM) for
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com