Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSDM0365RN Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSDM0365RN
Description  Green Mode Fairchild Power Switch (FPSTM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDM0365RN Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSDM0365RN Datasheet HTML 1Page - Fairchild Semiconductor FSDM0365RN Datasheet HTML 2Page - Fairchild Semiconductor FSDM0365RN Datasheet HTML 3Page - Fairchild Semiconductor FSDM0365RN Datasheet HTML 4Page - Fairchild Semiconductor FSDM0365RN Datasheet HTML 5Page - Fairchild Semiconductor FSDM0365RN Datasheet HTML 6Page - Fairchild Semiconductor FSDM0365RN Datasheet HTML 7Page - Fairchild Semiconductor FSDM0365RN Datasheet HTML 8Page - Fairchild Semiconductor FSDM0365RN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
FSDL0165RN
5
Electrical Characteristics
(Ta = 25
°C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Sense FET SECTION
Startup Voltage (Vstr) Breakdown
BVSTR
VCC=0V, ID=1mA
650
-
-
V
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=50
µA
650
-
-
V
Off-State Current
(Max.Rating =660V)
IDSS
VDS=660V, VGS=0V
-
-
50
µA
VDS=0.8Max.Rating
VGS=0V, TC=125
°C
-
-
200
µA
On-State Resistance(1)
RDS(ON)
VGS=10V, ID=0.5A
-
8.0
10.0
Input Capacitance
CISS
VGS=0V, VDS=25V,
F=1MHz
-
250
-
pF
Output Capacitance
COSS
-25
-
pF
Reverse Transfer Capacitance
CRSS
-10
-
pF
Turn On Delay Time
TD(ON)
VDS=325V, ID=1.0A
(Sense FET switching
time is essentially
independent of
operating temperature)
-12
-
ns
Rise Time
TR
-4
-
ns
Turn Off Delay Time
TD(OFF)
-30
-
ns
Fall Time
TF
-10
-
ns
CONTROL SECTION
Output Frequency
FOSC
FSDL0165R
45
50
55
KHz
Output Frequency Modulation
FMOD
±1.0
±.1.5
±2.0
KHz
Frequency Change With Temperature(2)
--25
°C ≤ Ta ≤ 85°C
-
±5
±10
%
Maximum Duty Cycle
DMAX
FSDL0165R
71
77
83
%
Minimum Duty Cycle
DMIN
00
0
%
Start threshold voltage
VSTART
VFB=GND
11
12
13
V
Stop threshold voltage
VSTOP
VFB=GND
7
8
9
V
Feedback Source Current
IFB
VFB=GND
0.7
0.9
1.1
mA
Internal Soft Start Time
TS/S
VFB=4V
10
15
20
ms
BURST MODE SECTION
Burst Mode Voltages
VBURH
-
0.5
0.6
0.7
V
VBURL
-
0.25
0.35
0.45
V
PROTECTION SECTION
Drain to Source Peak Current Limit
IOVER
Max. inductor current
1.06
1.20
1.35
A
Current Limit Delay(3)
TCLD
-
500
-
ns
Thermal Shutdown
TSD
-
125
140
-
°C


Similar Part No. - FSDM0365RN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
914Kb / 20P
   Green Mode Fairchild Power Switch (FPS TM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSDM0365RN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM101 FAIRCHILD-FSDM101 Datasheet
542Kb / 14P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0365RN FAIRCHILD-FSDL0365RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RBWDTU FAIRCHILD-FSDM0565RBWDTU Datasheet
267Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RB FAIRCHILD-FSDM0565RB_06 Datasheet
470Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM311 FAIRCHILD-FSDM311 Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0170RNB FAIRCHILD-FSDH0170RNB Datasheet
598Kb / 19P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSD210 FAIRCHILD-FSD210 Datasheet
391Kb / 18P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0265RN FAIRCHILD-FSDH0265RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSES0765RG FAIRCHILD-FSES0765RG Datasheet
249Kb / 18P
   Green Mode Fairchild Power Switch (FPS) for Green Mode Fairchild Power Switch (FPSTM) for
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com