Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSDL0165RL Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSDL0165RL
Description  Green Mode Fairchild Power Switch (FPSTM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDL0165RL Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSDL0165RL Datasheet HTML 1Page - Fairchild Semiconductor FSDL0165RL Datasheet HTML 2Page - Fairchild Semiconductor FSDL0165RL Datasheet HTML 3Page - Fairchild Semiconductor FSDL0165RL Datasheet HTML 4Page - Fairchild Semiconductor FSDL0165RL Datasheet HTML 5Page - Fairchild Semiconductor FSDL0165RL Datasheet HTML 6Page - Fairchild Semiconductor FSDL0165RL Datasheet HTML 7Page - Fairchild Semiconductor FSDL0165RL Datasheet HTML 8Page - Fairchild Semiconductor FSDL0165RL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev.1.0.4
Features
• Internal Avalanche Rugged Sense FET
• Consumes only 0.65W at 240VAC & 0.3W load with
Advanced Burst-Mode Operation
• Frequency Modulation for low EMI
• Precision Fixed Operating Frequency
• Internal Start-up Circuit
• Pulse by Pulse Current Limiting
• Abnormal Over Current Protection
• Over Voltage Protection
• Over Load Protection
• Internal Thermal Shutdown Function
• Auto-Restart Mode
• Under Voltage Lockout
• Low Operating Current (3mA)
• Adjustable Peak Current Limit
• Built-in Soft Start
Applications
• SMPS for VCR, SVR, STB, DVD & DVCD
• SMPS for Printer, Facsimile & Scanner
• Adaptor for Camcorder
Description
The FSDL0165RN is an integrated Pulse Width Modulator
(PWM) and Sense FET specifically designed for high perfor-
mance offline Switch Mode Power Supplies (SMPS) with
minimal external components. This device is an integrated
high voltage power switching regulator which combine an
avalanche rugged Sense FET with a current mode PWM
control block. The integrated PWM controller features
include: a fixed oscillator with frequency modulation for
reduced EMI, Under Voltage Lock Out (UVLO) protection,
Leading Edge Blanking (LEB), optimized gate turn-on/turn-
off driver, Thermal Shut Down (TSD) protection, Abnormal
Over Current Protection (AOCP) and temperature compen-
sated precision current sources for loop compensation and
fault protection circuitry. When compared to a discrete
MOSFET and controller or RCC switching converter solu-
tion, the FSDL0165RN reduce total component count,
design size, weight and at the same time increases efficiency,
productivity, and system reliability. This device is a basic
platform well suited for cost effective designs of flyback
converters.
Table 1. Notes: 1. Typical continuous power in a non-ven-
tilated enclosed adapter measured at 50
°C ambient. 2.
Maximum practical continuous power in an open frame
design at 50
°C ambient. 3. 230 VAC or 100/115 VAC with
doubler.
Typical Circuit
Figure 1. Typical Flyback Application
OUTPUT POWER TABLE
PRODUCT
230VAC
±15%(3)
85-265VAC
Adapt-
er(1)
Open
Frame(2)
Adapt-
er(1)
Open
Frame(2)
FSDL321
11W
17W
8W
12W
FSDH321
11W
17W
8W
12W
FSDL0165RN
13W
23W
11W
17W
FSDM0265RN
16W
27W
13W
20W
FSDH0265RN
16W
27W
13W
20W
FSDL0365RN
19W
30W
16W
24W
FSDM0365RN
19W
30W
16W
24W
FSDL0165RL
13W
23W
11W
17W
FSDM0265RL
16W
27W
13W
20W
FSDH0265RL
16W
27W
13W
20W
FSDL0365RL
19W
30W
16W
24W
FSDM0365RL
19W
30W
16W
24W
Drain
Source
Vstr
Vfb
Vcc
PWM
AC
IN
DC
OUT
Ipk
FSDL0165RN
Green Mode Fairchild Power Switch (FPSTM)


Similar Part No. - FSDL0165RL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDL0165RL FAIRCHILD-FSDL0165RL Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0165RL FAIRCHILD-FSDL0165RL Datasheet
914Kb / 20P
   Green Mode Fairchild Power Switch (FPS TM)
FSDL0165RL FAIRCHILD-FSDL0165RL Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0165RL FAIRCHILD-FSDL0165RL Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0165RL FAIRCHILD-FSDL0165RL Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSDL0165RL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM101 FAIRCHILD-FSDM101 Datasheet
542Kb / 14P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0365RN FAIRCHILD-FSDL0365RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RBWDTU FAIRCHILD-FSDM0565RBWDTU Datasheet
267Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RB FAIRCHILD-FSDM0565RB_06 Datasheet
470Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM311 FAIRCHILD-FSDM311 Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0170RNB FAIRCHILD-FSDH0170RNB Datasheet
598Kb / 19P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSD210 FAIRCHILD-FSD210 Datasheet
391Kb / 18P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0265RN FAIRCHILD-FSDH0265RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSES0765RG FAIRCHILD-FSES0765RG Datasheet
249Kb / 18P
   Green Mode Fairchild Power Switch (FPS) for Green Mode Fairchild Power Switch (FPSTM) for
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com