Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP5600 Datasheet(PDF) 1 Page - Harris Corporation

Part # HIP5600
Description  Thermally Protected High Voltage Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HIP5600 Datasheet(HTML) 1 Page - Harris Corporation

  HIP5600 Datasheet HTML 1Page - Harris Corporation HIP5600 Datasheet HTML 2Page - Harris Corporation HIP5600 Datasheet HTML 3Page - Harris Corporation HIP5600 Datasheet HTML 4Page - Harris Corporation HIP5600 Datasheet HTML 5Page - Harris Corporation HIP5600 Datasheet HTML 6Page - Harris Corporation HIP5600 Datasheet HTML 7Page - Harris Corporation HIP5600 Datasheet HTML 8Page - Harris Corporation HIP5600 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Semiconductor
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1998
HIP5600
Thermally Protected High Voltage Linear
Regulator
The HIP5600 is an adjustable 3-terminal positive linear
voltage regulator capable of operating up to either 400VDC
or 280VRMS. The output voltage is adjustable from 1.2VDC
to within 50V of the peak input voltage with two external
resistors. This high voltage linear regulator is capable of
sourcing 1mA to 30mA with proper heat sinking. The
HIP5600 can also provide 40mA peak (typical) for short
periods of time.
Protection is provided by the on chip thermal shutdown and
output current limiting circuitry. The HIP5600 has a unique
advantage over other high voltage linear regulators due to its
ability to withstand input to output voltages as high as
400V(peak), a condition that could exist under output short
circuit conditions.
Common linear regulator configurations can be implemented
as well as AC/DC conversion and start-up circuits for switch
mode power supplies.
The HIP5600 requires a minimum output capacitor of 10
µF
for stability of the output and may require a 0.02
µF input
decoupling capacitor depending on the source impedance. It
also requires a minimum load current of 1mA to maintain
output voltage regulation.
All protection circuitry remains fully functional even if the
adjustment terminal is disconnected. However, if this
happens the output voltage will approach the input voltage.
Features
• Operates from 50VDC to 400VDC
• Operates from 50VRMS to 280VRMS Line
• UL Recognized
• Variable DC Output Voltage 1.2VDC to VIN - 50V
• Internal Thermal Shutdown Protection
• Internal Over Current Protection
• Up to 40mA Peak Output Current
• Surge Rated to
±650V; Meets IEEE/ANSI C62.41.1980
with Additional MOV
CAUTION: This product does not provide isolation from AC
line.
Applications
• Switch Mode Power Supply Start-Up
• Electronically Commutated Motor Housekeeping Supply
• Power Supply for Simple Industrial/Commercial/Consumer
Equipment Controls
• Off-Line (Buck) Switch Mode Power Supply
Pinouts
HIP5600 (TO-220)
TOP VIEW
HIP5600 (MO-169)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
HIP5600IS
-40oC to +100oC
3 Lead Plastic SIP
HIP5600IS2
-40oC to +100oC
3 Lead Gullwing Plastic
SIP
TAB ELECTRICALLY
CONNECTED
TO VOUT
VOUT
HIP5600
September 1998
File Number
3270.7
[ /Title
()
/Sub-
ject ()
/Autho
r ()
/Key-
words
()
/Cre-
ator ()
/DOCI
NFO
pdf-
mark
[
/Page-
Mode
/Use-
Out-
lines
/DOC-
VIEW
pdf-
mark
PART WITHDRA
WN
PROCESS
OBSOLETE
NO NEW
DESIGNS


Similar Part No. - HIP5600

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5600 INTERSIL-HIP5600 Datasheet
878Kb / 16P
   Thermally Protected High Voltage Linear Regulator
HIP5600IS INTERSIL-HIP5600IS Datasheet
878Kb / 16P
   Thermally Protected High Voltage Linear Regulator
HIP5600IS2 INTERSIL-HIP5600IS2 Datasheet
878Kb / 16P
   Thermally Protected High Voltage Linear Regulator
HIP5600 INTERSIL-HIP5600_02 Datasheet
878Kb / 16P
   Thermally Protected High Voltage Linear Regulator
More results

Similar Description - HIP5600

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5600 INTERSIL-HIP5600_02 Datasheet
878Kb / 16P
   Thermally Protected High Voltage Linear Regulator
logo
IK Semicon Co., Ltd
ILA82C251 IKSEMICON-ILA82C251 Datasheet
353Kb / 13P
   Thermally protected
logo
MDE Semiconductor, Inc.
TT150MOV MDE-TT150MOV_13 Datasheet
750Kb / 3P
   High Energy Thermally Protected TTxxxMOV
SS150MOV MDE-SS150MOV Datasheet
304Kb / 5P
   High Energy Thermally Protected SSMOV
logo
Littelfuse
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
logo
Aimtron Technology
AT1202 AIMTRON-AT1202 Datasheet
423Kb / 7P
   High Voltage Linear Regulator
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com