Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM62256BLSP-7 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HM62256BLSP-7
Description  256k SRAM (32-kword x 8-bit)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62256BLSP-7 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HM62256BLSP-7 Datasheet HTML 4Page - Hitachi Semiconductor HM62256BLSP-7 Datasheet HTML 5Page - Hitachi Semiconductor HM62256BLSP-7 Datasheet HTML 6Page - Hitachi Semiconductor HM62256BLSP-7 Datasheet HTML 7Page - Hitachi Semiconductor HM62256BLSP-7 Datasheet HTML 8Page - Hitachi Semiconductor HM62256BLSP-7 Datasheet HTML 9Page - Hitachi Semiconductor HM62256BLSP-7 Datasheet HTML 10Page - Hitachi Semiconductor HM62256BLSP-7 Datasheet HTML 11Page - Hitachi Semiconductor HM62256BLSP-7 Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
HM62256B Series
8
Write Cycle
HM62256B
-5
-7
-8
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Write cycle time
t
WC
55
70
85
ns
Chip selection to end of write
t
CW
40
60
75
ns
5
Address setup time
t
AS
0—
0—
0
ns
6
Address valid to end of write
t
AW
40
60
75
ns
Write pulse width
t
WP
35
50
55
ns
4, 13
Write recovery time
t
WR
0—
0—
0
ns
7
Write to output in high-Z
t
WHZ
0
20
0
25
0
30
ns
1, 2, 8
Data to write time overlap
t
DW
25
30
35
ns
Data hold from write time
t
DH
0—
0—
0
ns
Output active from end of write
t
OW
5—
5—
5
ns
2
Output disable to output in High-Z
t
OHZ
0
20
0
25
0
30
ns
1, 2, 8
Notes: 1. t
CHZ, tOHZ and t WHZ are defined as the time at which the outputs achieve the open circuit conditions
and are not referred to output voltage levels.
2. This parameter is sampled and not 100% tested.
3. Address must be valid prior to or simultaneously with
CS going low.
4. A write occurs during the overlap of a low
CS and a low WE. A write begins at the latest
transition of
CS going low or WE going low. A write ends at the earliest transition of CS going
high or
WE going high. t
WP is measured from the beginning of write to the end of write.
5. t
CW is measured from CS going low to the end of write.
6. t
AS is measured from the address valid to the beginning of write.
7. t
WR is measured from the earliest of CS or WE going high to the end of write cycle.
8. During this period, I/O pins are in the output state; therefore, the input signals of the opposite
phase to the outputs must not be applied.
9. If
CS goes low simultaneously with WE going low or after WE going low, the outputs remain in
the high impedance state.
10. Dout is the same phase of the latest written data in this write cycle.
11. Dout is the read data of next address.
12. If
CS is low during this period, I/O pins are in the output state. Therefore, the input signals of the
opposite phase to the outputs must not be applied to them.
13. In the write cycle with
OE low fixed, t
WP must satisfy the following equation to avoid a problem of
data bus contention.
t
WP ≥ tDW min + tWHZ max


Similar Part No. - HM62256BLSP-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62256 HITACHI-HM62256 Datasheet
71Kb / 11P
   32,768-word x 8-bit High Speed CMOS Static RAM
HM62256 HITACHI-HM62256 Datasheet
309Kb / 14P
   32768-word x 8-bit High Speed CMOS Static RAM
2003
HM62256A HITACHI-HM62256A Datasheet
71Kb / 11P
   32,768-word x 8-bit High Speed CMOS Static RAM
HM62256AFP-10T HITACHI-HM62256AFP-10T Datasheet
71Kb / 11P
   32,768-word x 8-bit High Speed CMOS Static RAM
HM62256AFP-12T HITACHI-HM62256AFP-12T Datasheet
71Kb / 11P
   32,768-word x 8-bit High Speed CMOS Static RAM
More results

Similar Description - HM62256BLSP-7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EV58256BXXN RENESAS-R1EV58256BXXN Datasheet
697Kb / 25P
   256K EEPROM (32-Kword 횞 8-bit)
HN58C256AI RENESAS-HN58C256AI Datasheet
1Mb / 18P
   256k EEPROM (32-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X24128I HITACHI-HN58X24128I Datasheet
69Kb / 22P
   Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit)
logo
Renesas Technology Corp
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
   4M SRAM (512-kword X 8-bit)
logo
Hitachi Semiconductor
HM9264B HITACHI-HM9264B Datasheet
73Kb / 14P
   64 k SRAM (8-kword x 8-bit)
logo
Hanbit Electronics Co.,...
HMS25632M8G HANBIT-HMS25632M8G Datasheet
247Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit)
logo
Hitachi Semiconductor
HM6264B HITACHI-HM6264B Datasheet
82Kb / 15P
   64 k SRAM (8-kword x 8-bit)
HM628512ALFP-5 HITACHI-HM628512ALFP-5 Datasheet
552Kb / 18P
   4M SRAM (512 KWORD X 8 BIT)
HN58V256A HITACHI-HN58V256A Datasheet
118Kb / 24P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
logo
MOSAIC
SYS32256ZK-12 MOSAIC-SYS32256ZK-12 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com