Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM76C256CLEFW Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # GM76C256CLEFW
Description  32K x8 bit 5.0V Low Power CMOS slow SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM76C256CLEFW Datasheet(HTML) 3 Page - Hynix Semiconductor

  GM76C256CLEFW Datasheet HTML 1Page - Hynix Semiconductor GM76C256CLEFW Datasheet HTML 2Page - Hynix Semiconductor GM76C256CLEFW Datasheet HTML 3Page - Hynix Semiconductor GM76C256CLEFW Datasheet HTML 4Page - Hynix Semiconductor GM76C256CLEFW Datasheet HTML 5Page - Hynix Semiconductor GM76C256CLEFW Datasheet HTML 6Page - Hynix Semiconductor GM76C256CLEFW Datasheet HTML 7Page - Hynix Semiconductor GM76C256CLEFW Datasheet HTML 8Page - Hynix Semiconductor GM76C256CLEFW Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
GM76C256C Series
Rev 03 / Apr. 2000
2
ORDERING INFORMATION
Part No.
Speed
Power
Temp
Package
GM76C256CL
55/70/85
L-part
0 to 70
°C PDIP
GM76C256CLL
55/70/85
LL-part
0 to 70
°C PDIP
GM76C256CLE
55/70/85
L-part
-25 to 85
°C PDIP
GM76C256CLLE
55/70/85
LL-part
-25 to 85
°C PDIP
GM76C256CLFW
55/70/85
L-part
0 to 70
°C SOP
GM76C256CLLFW
55/70/85
LL-part
0 to 70
°C SOP
GM76C256CLEFW
55/70/85
L-part
-25 to 85
°C SOP
GM76C256CLLEFW
55/70/85
LL-part
-25 to 85
°C SOP
GM76C256CLT
55/70/85
L-part
0 to 70
°C TSOP-I Standard
GM76C256CLLT
55/70/85
LL-part
0 to 70
°C TSOP-I Standard
GM76C256CLET
55/70/85
L-part
-25 to 85
°C TSOP-I Standard
GM76C256CLLET
55/70/85
LL-part
-25 to 85
°C TSOP-I Standard
ABSOLUTE MAXIMUM RATING (1)
Symbol
Parameter
Rating
Unit
Vcc, VIN, VOUT
Power Supply, Input/Output Voltage
-0.3 to 7.0
V
TA
Operating Temperature
GM76C256C
0 to 70
°C
GM76C256CE
-25 to 85
°C
TSTG
Storage Temperature
-65 to 150
°C
PD
Power Dissipation
1.0
W
IOUT
Data Output Current
50
mA
TSOLDER
Lead Soldering Temperature & Time
260
•10
°C•sec
Note
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is stress rating only and the functional operation of the device under these or
any other conditions above those indicated in the operation of this specification is not implied.
Exposure to the absolute maximum rating conditions for extended period may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vcc
Power Supply Voltage
4.5
5.0
5.5
V
Vss
Ground
0
0
0
V
VIH
Input High Voltage
2.2
-
Vcc+0.3
V
VIL
Input Low Voltage
-0.3(1)
-
0.8
V
Note
1. VIL = -3.0V for pulse width less than 50ns
TRUTH TABLE
/CS
/WE
/OE
Mode
I/O Operation
H
X
X
Standby
High-Z
L
H
H
Output Disabled
High-Z
L
H
L
Read
Data Out
L
L
X
Write
Data In
Note
1. H=VIH, L=VIL, X=Don't Care


Similar Part No. - GM76C256CLEFW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM76C28A ETC1-GM76C28A Datasheet
306Kb / 10P
   2,048 WORDS X 8 BIT CMOS STATIC RAM
More results

Similar Description - GM76C256CLEFW

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY628100B HYNIX-HY628100B Datasheet
175Kb / 10P
   128K x8 bit 5.0V Low Power CMOS slow SRAM
HY628400A HYNIX-HY628400A Datasheet
182Kb / 11P
   512K x8 bit 5.0V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8100B HYNIX-HY62U8100B Datasheet
205Kb / 12P
   128K x8 bit 3.0V Low Power CMOS slow SRAM
HY62V8100B HYNIX-HY62V8100B Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
logo
List of Unclassifed Man...
UC62WV0256 ETC-UC62WV0256 Datasheet
465Kb / 10P
   Low Power CMOS SRAM 32K X8 Bits
UC62LV0256 ETC1-UC62LV0256 Datasheet
464Kb / 10P
   Low Power CMOS SRAM 32K X8 Bits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com