Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83C51 Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # HT83C51
Description  HIGH TEMPERATURE 83C51 MICROCONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT83C51 Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button HT83C51 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 10Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
HT83C51
EXTERNAL PROGRAM AND DATA MEMORY CHARATERISTICS
Symbol
Parameter
Min
Max
Unit
TCLCL
Clock Period
62.5
ns
1/TCLCL
Oscillator Frequency
16
MHz
TLHLL
ALE Pulse Width
2 TCLCL-40
ns
TAVLL
Address Valid to ALE Low
TCLCL-40
ns
TLLAX
Address hold after ALE low
TCLCL-30
ns
TLLIV
ALE low to Valid Instruction In
4 TCLCL-100
ns
TLLPL
ALE Low to PSENn Low
TCLCL-30
ns
TPLPH
PSENn Pulse Width
3 TCLCL-45
ns
TPLIV
PSENn low to Valid Instruction In
3 TCLCL-105
ns
TPXIX
Input Instruction hold after PSENn
0
ns
TPXIZ
Input Instruction Float After PSENn
TCLCL-25
ns
TAVIV
Address to Valid Instruction In
5 TCLCL-105
ns
TPLAZ
PSENn Low to Address Float
10
ns
TRLRH
RDn Pulse Width
6 TCLCL-100
ns
TWLWH
WRn Pulse Width
6 TCLCL-100
ns
TRLDV
RDn Low to Valid Data In
5 TCLCL-165
ns
TRHDX
Data Hold After RDn
0
ns
TRHDZ
Data Float After RDn
2 TCLCL-60
ns
TLLDV
ALE Low to Valid Data In
8 TCLCL-150
ns
TAVDV
Address to Valid Data In
9 TCLCL-165
ns
TLLWL
ALE Low to RDn or WRn Low
3 TCLCL-50
3 TCLCL+50
ns
TAVWL
Address Valid to WRn Low
4 TCLCL-130
ns
TQVWX
Data Valid Before WRn
TCLCL-50
ns
TWHQX
Data Hold After WRn
TCLCL-50
ns
TQVWH
Data Valid to WRn High
7 TCLCL-150
ns
TRLAZ
RDn Low to Address Float
0
ns
TWHLH
RDn or WRn High to ALE High
TCLCL-40
TCLCL+40
ns


Similar Part No. - HT83C51

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HT83 BITECH-HT83 Datasheet
98Kb / 3P
   Common Mode Chokes for High Speed Telecommunications
HT83-00007 BITECH-HT83-00007 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
HT83-00787 BITECH-HT83-00787 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
HT83-05088 BITECH-HT83-05088 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
HT83-99626 BITECH-HT83-99626 Datasheet
98Kb / 3P
   Common Mode Chokes for High Speed Telecommunications
More results

Similar Description - HT83C51

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
HPC16064 NSC-HPC16064 Datasheet
407Kb / 36P
   High-Performance microController
logo
Dallas Semiconductor
DS80C310 DALLAS-DS80C310_09 Datasheet
382Kb / 22P
   High-Speed Microcontroller
logo
Maxim Integrated Produc...
DS80C310 MAXIM-DS80C310 Datasheet
382Kb / 22P
   High-Speed Microcontroller
19-4859 ; Rev 8/09
logo
Dallas Semiconductor
DS89C420 DALLAS-DS89C420 Datasheet
539Kb / 59P
   Ultra-High-Speed Microcontroller
DS5240 DALLAS-DS5240 Datasheet
43Kb / 3P
   High-Speed Secure Microcontroller
logo
Intel Corporation
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
logo
Maxim Integrated Produc...
DS89C420 MAXIM-DS89C420_05 Datasheet
485Kb / 47P
   Ultra-High-Speed Microcontroller
REV: 081805
logo
Intel Corporation
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
80C251SB16 INTEL-80C251SB16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
83C51KB INTEL-83C51KB Datasheet
273Kb / 19P
   HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com