Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3234-SMA Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 3234-SMA
Description  105 MHz Lowpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3234-SMA Datasheet(HTML) 2 Page - KR Electronics, Inc.

  3234-SMA Datasheet HTML 1Page - KR Electronics, Inc. 3234-SMA Datasheet HTML 2Page - KR Electronics, Inc. 3234-SMA Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
© 2015, KR Electronics, Inc.
3234-SMA, Rev 0
Passband Amplitude & Group Delay
(1 dB/div & 10 nsec/div)
KR Electronics, Inc.
Typical Performance
KR Electronics, Inc.
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div )


Similar Part No. - 3234-SMA

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3234 POMONA-3234 Datasheet
26Kb / 1P
   Size B Aluminum Box With Cover BNC Female Quad
logo
List of Unclassifed Man...
3234 ETC2-3234 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
Heyco.
3234 HEYCO-3234 Datasheet
264Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Christian Bürkert GmbH ...
3234 BURKERT-3234 Datasheet
1Mb / 18P
   T-diaphragm valve with manually operated actuator
15.03.2022
More results

Similar Description - 3234-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3007 KR-3007 Datasheet
91Kb / 3P
   430 MHz Lowpass Filter
3018-2 KR-3018-2 Datasheet
52Kb / 3P
   30 MHz Lowpass Filter
2403-S KR-2403-S Datasheet
42Kb / 3P
   60 MHz Lowpass Filter
3202-2-BNC KR-3202-2-BNC Datasheet
57Kb / 3P
   2 MHz Lowpass Filter
3253-201-LP-SMA KR-3253-201-LP-SMA Datasheet
82Kb / 3P
   201 MHz Lowpass Filter
3271-BNC KR-3271-BNC Datasheet
50Kb / 3P
   1 MHz Lowpass Filter
3007-SMA KR-3007-SMA Datasheet
65Kb / 3P
   430 MHz Lowpass Filter
3153-SMA KR-3153-SMA Datasheet
80Kb / 3P
   615 MHz Lowpass Filter
3281 KR-3281 Datasheet
69Kb / 3P
   2750 MHz Lowpass Filter
3253-201-LP KR-3253-201-LP Datasheet
92Kb / 3P
   201 MHz Lowpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com