Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4H513238C-TCA2 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K4H513238C-TCA2
Description  128Mb DDR SDRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H513238C-TCA2 Datasheet(HTML) 3 Page - Samsung semiconductor

  K4H513238C-TCA2 Datasheet HTML 1Page - Samsung semiconductor K4H513238C-TCA2 Datasheet HTML 2Page - Samsung semiconductor K4H513238C-TCA2 Datasheet HTML 3Page - Samsung semiconductor K4H513238C-TCA2 Datasheet HTML 4Page - Samsung semiconductor K4H513238C-TCA2 Datasheet HTML 5Page - Samsung semiconductor K4H513238C-TCA2 Datasheet HTML 6Page - Samsung semiconductor K4H513238C-TCA2 Datasheet HTML 7Page - Samsung semiconductor K4H513238C-TCA2 Datasheet HTML 8Page - Samsung semiconductor K4H513238C-TCA2 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
- 3 -
REV. 1.0 November. 2. 2000
128Mb DDR SDRAM
Revision History(continued)
Version 0.7 (March, 2000)
- Changed 128Mb spec from target to Preliminary version.
- Changed partnames as follows.
- Changed input cap. spec.
- Changed operating condition.
- Added Overshoot/Undershoot spec
. Vih(max) = 4.2V, the overshoot voltage duration is
≤ 3ns at VDD.
. Vil(min) =- 1.5V, the overshoot voltage duration is
≤ 3ns at VSS.
- Changed AC parameters as follows.
- Added DC spec values.
Version 0.71 (April, 2000)
- Corrected a typo for tRAS at 133Mhz/CL2.5 from 48ns t0 45ns.
- Corrected a typo in "General Information" table from 64Mx4 to 8Mx16.
Version 0.72(May,2000)
- Changed DC spec item & test condition
Version 0.73(June,2000)
- Added updated DC spec values
- Deleted tDAL in AC parameter
Version 1.0(November,2000)
- Eliminate "preliminary"
from
to
KM44L32031BT-G(L)Z/Y/0
K4H280438B-TC(L)A2/B0/A0
KM48L16031BT-G(L)Z/Y/0
K4H280838B-TC(L)A2/B0/A0
KM416L8031BT-G(L)Z/Y/0
K4H281638B-TC(L)A2/B0/A0
from
to
CK/CK
2.5pF ~ 3.5pF
2.0pF ~ 3.0pF w/ Delta Cin = 0.25pF
DQ/DQS/DM
4.0pF ~ 5.5pF
4.0pF ~ 5.0pF w/ Delta Cin = 0.5pF
CMD/Addr
2.5pF ~ 3.5pF
2.0pF ~ 3.0pF with Delta Cin = 0.5pF
from
to
Vil/Vih(ac)
Vref +/- 0.35V
Vref +/- 0.31V
VIL/VIH(dc)
Vref +/- 0.18V
Vref +/- 0.15V
from
to
Comments
tDQSQ
+/- 0.5(PC266), +/- 0.6(PC200)
+0.5(PC266), +0.6(PC200)
tDV
+/- 0.35tCK
-
Removed
tQH
-
tHPmin - 0.75ns(PC266)
New Definition
tHPmin - 1.0ns(PC200)
tHP
-
tCLmin or tCHmin
New Definition


Similar Part No. - K4H513238C-TCA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H510438 SAMSUNG-K4H510438 Datasheet
332Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510438B-GC/LA2 SAMSUNG-K4H510438B-GC/LA2 Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510438B-GC/LB0 SAMSUNG-K4H510438B-GC/LB0 Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510438B-GC/LB3 SAMSUNG-K4H510438B-GC/LB3 Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510438B-GC/LCC SAMSUNG-K4H510438B-GC/LCC Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
More results

Similar Description - K4H513238C-TCA2

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU28422ET HYNIX-HY5DU28422ET Datasheet
829Kb / 35P
   128Mb DDR SDRAM
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
H5DU1262GTR-FA HYNIX-H5DU1262GTR-FA Datasheet
356Kb / 37P
   128Mb DDR SDRAM
HY5DU28422DT HYNIX-HY5DU28422DT Datasheet
409Kb / 33P
   128Mb-S DDR SDRAM
logo
White Electronic Design...
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD12RB8ALFA ELPIDA-EBD12RB8ALFA Datasheet
155Kb / 16P
   128MB Registered DDR SDRAM DIMM
EBD12RB8ALFB ELPIDA-EBD12RB8ALFB Datasheet
207Kb / 17P
   128MB Registered DDR SDRAM DIMM
EBD13UB6ALS ELPIDA-EBD13UB6ALS Datasheet
174Kb / 16P
   128MB DDR SDRAM S.O. DIMM
logo
White Electronic Design...
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com