Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29LV320BF-80 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HY29LV320BF-80
Description  32 Mbit (2M x 16) Low Voltage Flash Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV320BF-80 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HY29LV320BF-80 Datasheet HTML 7Page - Hynix Semiconductor HY29LV320BF-80 Datasheet HTML 8Page - Hynix Semiconductor HY29LV320BF-80 Datasheet HTML 9Page - Hynix Semiconductor HY29LV320BF-80 Datasheet HTML 10Page - Hynix Semiconductor HY29LV320BF-80 Datasheet HTML 11Page - Hynix Semiconductor HY29LV320BF-80 Datasheet HTML 12Page - Hynix Semiconductor HY29LV320BF-80 Datasheet HTML 13Page - Hynix Semiconductor HY29LV320BF-80 Datasheet HTML 14Page - Hynix Semiconductor HY29LV320BF-80 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
11
r1.3/May 02
HY29LV320
WE#
ADR
CE#
OE#
DATA
OUT
t
ACC
t
CE
t
OE
Figure 1. Read Operation
Figure 2. Write Operation
OE#
ADR
CE#
WE#
DATA
IN
t
AS
t
AH
t
DH
t
DS
WE#
ADR
CE#
OE#
DATA
OUT
t
ACC
t
CE
t
OE
Figure 1. Read Operation
Figure 2. Write Operation
OE#
ADR
CE#
WE#
DATA
IN
t
AS
t
AH
t
DH
t
DS
Write Operation
Certain operations, including programming data
and erasing sectors of memory, require the host
to write a command or command sequence to the
HY29LV320. Writes to the device are performed
by placing the word address on the device’s ad-
dress inputs while the data to be written is input
on DQ[15:0]. The host system must drive the CE#
and WE# pins Low and drive OE# High for a valid
write operation to take place. All addresses are
latched on the falling edge of WE# or CE#, which-
ever happens later. All data is latched on the ris-
ing edge of WE# or CE#, whichever happens first.
See Figure 2.
.The “Device Commands” section of this specifi-
cation provides details on the specific device com-
mands implemented in the HY29LV320.
Accelerated Program Operation
This device offers accelerated program operations
through the “Accelerate” function provided by the
WP#/ACC pin. This function is intended primarily
for faster programming throughput at the factory.
If V
HH is applied to the WP#/ACC input, the device
enters the Unlock Bypass mode, temporarily
unprotects any protected sectors, and uses the
higher voltage on the pin to reduce the time re-
quired for program operations. The system would
then use the two-cycle program command se-
quence as required by the Unlock Bypass mode.
Removing V
HH from the pin returns the device to
normal operation.
Note: WP# sector protection cannot be used while WP#/
ACC = V
HH.
Thus, all sectors are unprotected and can
be erased and programmed while in Accelerated Pro-
gramming mode.
Note: The Accelerate function does not affect the time
required for Erase operations.
See the description of the WP#/ACC pin in the
Pin Descriptions table for additional information
on this function.
Write Protect Function
The Write Protect function provides a hardware
method of protecting the boot sectors without us-
ing V
ID.
This function is a second function pro-
vided by the WP#/ACC pin.
Placing this pin at V
IL disables program and erase
operations in the bottom or top 32K words of the
array (the boot sectors). The affected sectors are
as follows (see Tables 1 and 2):
n HY29LV320B: S0 – S3
n HY29LV320T: S63 – S66
If the pin is placed at V
IH, the protection state of
those sectors reverts to whether they were last
set to be protected or unprotected using the
method described in the Sector Group Protection
and Unprotection sections.
Note: Sectors protected by WP#/ACC = V
IL remain pro-
tected during Temporary Sector Unprotect and cannot
be erased or programmed. Also see note under Accel-
erate Program Operation above.
Standby Operation
When the system is not reading or writing to the
device, it can place the device in the Standby


Similar Part No. - HY29LV320BF-80

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12 HYNIX-HY29LV160BF-12 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12I HYNIX-HY29LV160BF-12I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70 HYNIX-HY29LV160BF-70 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70I HYNIX-HY29LV160BF-70I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV320BF-80

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
logo
Austin Semiconductor
AS8F2M32 AUSTIN-AS8F2M32 Datasheet
390Kb / 12P
   2M x 32 FLASH FLASH MEMORY MODULE
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
ATMEL Corporation
AT49SV322D ATMEL-AT49SV322D Datasheet
519Kb / 32P
   32-megabit (2M x 16) 1.8-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com