Electronic Components Datasheet Search |
|
CLC533A8B Datasheet(PDF) 2 Page - National Semiconductor (TI) |
|
|
CLC533A8B Datasheet(HTML) 2 Page - National Semiconductor (TI) |
2 / 9 page http://www.national.com 2 PARAMETERS CONDITIONS TYP MIN/MAX RATINGS2 UNITS SYMBOL Ambient Temperature CLC533AJP/AJE/AIB +25°C -40°C +25°C +85°C FREQUENCY DOMAIN RESPONSE -3dB bandwidth VOUT < 0.1Vpp 180 130 130 110 MHz SSBW -3dB bandwidth VOUT = 2Vpp 45 35 35 30 MHz LSBW gain flatness VOUT < 0.1Vpp peaking 0.1MHz to 200MHz 0.2 0.5 0.5 0.5 dB GFP rolloff 0.1MHz to 100MHz 1.0 2.0 2.0 3.0 dB GFR linear phase deviation dc to 100MHz 2.0 deg LPD crosstalk rejection - 1 channel 2Vpp, 10MHz 80 74 74 74 dB CT10 2Vpp, 20MHz 74 68 68 68 dB CT20 2Vpp, 30MHz 68 62 62 62 dB CT30 crosstalk rejection - 3 channels 2Vpp, 10MHz 80 74 74 74 dB 3CT10 2Vpp, 20MHz 74 68 68 68 dB 3CT20 2Vpp, 30MHz 68 62 62 62 dB 3CT30 TIME DOMAIN PERFORMANCE rise and fall time 0.5V step 2.7 3.3 3.3 3.8 ns TRS 2V step 10 12.5 12.5 14.5 ns TRL settling time2 2V step ±0.01% 17 24 24 27 ns TSP ±0.1% 13 18 18 21 ns TSS overshoot 2.0V step 2 5 5 6 % OS slew rate 160 130 130 110 V/ µsSR SWITCH PERFORMANCE channel to channel switching time 50% SELECT to 10%VOUT 6 8 8 9 ns SWT10 (2V step at output) 50% SELECT to 90%VOUT 16 21 21 24 ns SWT90 switching transient 30 mV ST DISTORTION AND NOISE PERFORMANCE 2nd harmonic distortion 2Vpp, 5MHz 80 67 67 67 dBc HD2 3rd harmonic distortion 2Vpp, 5MHz 86 67 67 67 dBc HD3 equivalent input noise spot noise voltage > 1MHz 4.2 nV/ √Hz SNF integrated noise 1MHz to 100MHz 42 54 51 mVrms INV spot noise current 5 pA/ √Hz SNF STATIC AND DC PERFORMANCE * analog output offset 1 12 3.5 4.5 mV VOS temperature coefficient 15 90 20 µV/°C DVIO * analog input bias current 50 280 120 120 µA IBN temperature coefficient 0.3 2.0 0.8 µA/°C DIBN analog input resistance 200 90 120 120 k Ω RIN analog input capacitance 2 3.0 2.5 2.5 pF CIN * gain accuracy ±2V 0.994 0.988 0.988 0.988 V/V GA integral endpoint linearity ±1V (full scale) 0.02 0.05 0.03 0.03 %FS ILIN output voltage no load ±3.4 2.4 2.8 2.8 V VO output current 45 20 50 50 mA IO output resistance DC 1.5 4.0 2.5 2.5 Ω RO DIGITAL INPUT PERFORMANCE ECL mode (DREF floating) input voltage logic HIGH -1.1 -1.1 -1.1 V VIH1 input voltage logic LOW -1.5 -1.5 -1.5 V VIL1 input current logic HIGH 200 220 80 80 µA IIH1 input current logic LOW 200 220 80 80 µA IIL1 TTL mode (DREF = +5V) input voltage logic HIGH 2.0 2.0 2.0 V VIH2 input voltage logic LOW 0.8 0.8 0.8 V VIL2 input current logic HIGH 200 220 80 80 µA IIH2 input current logic LOW 200 220 80 80 µA IIL2 POWER REQUIREMENTS * supply current (+VCC = +5.0V) no load 28 38 36 36 mA ICC * supply current (-Vee = -5.2V) no load 28.5 39 37 37 mA IEE nominal power dissipation no load 288 mW PD * power supply rejection ratio -53 -60 -60 dB PSRR Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are determined from tested parameters. CLC533 Electrical Characteristics (+V cc = +5.0V; -Vee = -5.2V; Rin = 50Ω;RL = 500Ω;CCOMP = 8pf; ECL Mode, pin 13 = NC) |
Similar Part No. - CLC533A8B |
|
Similar Description - CLC533A8B |