Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITM1010TR Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ITM1010TR
Description  CDMA Cellular/CDMA450 Receiver RF Front-end IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ITM1010TR Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ITM1010TR Datasheet HTML 4Page - List of Unclassifed Manufacturers ITM1010TR Datasheet HTML 5Page - List of Unclassifed Manufacturers ITM1010TR Datasheet HTML 6Page - List of Unclassifed Manufacturers ITM1010TR Datasheet HTML 7Page - List of Unclassifed Manufacturers ITM1010TR Datasheet HTML 8Page - List of Unclassifed Manufacturers ITM1010TR Datasheet HTML 9Page - List of Unclassifed Manufacturers ITM1010TR Datasheet HTML 10Page - List of Unclassifed Manufacturers ITM1010TR Datasheet HTML 11Page - List of Unclassifed Manufacturers ITM1010TR Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
02-IM1010-030827
sales@integrant.biz
Tel: 82-31-719-4500
8/19
CDMA Cellular/CDMA450 Receiver RF Front-end IC
ITM1010
3. Typical Operating Characteristics(Cont’d)
▶ CDMA450
2.7
2.8
2.9
3.0
3.1
3.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
LNA HG-Mode NF vs. Vcc
Vcc (V)
-40 ℃
25℃
85℃
2.7
2.8
2.9
3.0
3.1
3.2
0
1
2
3
4
5
LNA LG-Mode NF vs. Vcc
Vcc (V)
-40 ℃
25 ℃
85 ℃
2.7
2.8
2.9
3.0
3.1
3.2
6
8
10
12
14
Mixer Gain vs. Vcc
Vcc (V)
-40 ℃
25 ℃
85 ℃
2.7
2.8
2.9
3.0
3.1
3.2
2
4
6
8
Mixer IIP3 vs. Vcc
Vcc (V)
-45
o
C
25
o
C
85
o
C
2.7
2.8
2.9
3.0
3.1
3.2
6
7
8
9
10
Mixer NF vs. Vcc
Vcc (V)
-40 ℃
25 ℃
85 ℃
-25
-20
-15
-10
-5
0
6
8
10
12
14
Mixer Gain vs. LO Power
LO Power (dBm)
-40 ℃
25 ℃
85 ℃


Similar Part No. - ITM1010TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ITM1602ASTL ETC-ITM1602ASTL Datasheet
115Kb / 1P
   ITM1602ASTL
ITM1602BSTL ETC1-ITM1602BSTL Datasheet
125Kb / 1P
   ITM-1602BSTL
More results

Similar Description - ITM1010TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ITM2520 ETC-ITM2520 Datasheet
22Kb / 1P
   Cellular/GPS Image-Reject Receiver RF Front-end IC
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
   GPS Receiver RF Front End IC
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
   GPS Receiver RF Front End IC
logo
NXP Semiconductors
AFRX5G272 NXP-AFRX5G272 Datasheet
383Kb / 14P
   RF Front--End Receiver Module
Rev. 0, 07/2020
logo
TriQuint Semiconductor
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
   GPS Receiver RF Front End
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
   GPS Receiver RF Front End
logo
NXP Semiconductors
AFRX5G372 NXP-AFRX5G372 Datasheet
387Kb / 15P
   RF Front--End Receiver Module
Rev. 0, 05/2020
logo
STMicroelectronics
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
   GPS RF FRONT-END IC
STB5600 STMICROELECTRONICS-STB5600 Datasheet
72Kb / 10P
   GPS RF FRONT-END IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com