Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16V Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BAS16V
Description  SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BAS16V Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BAS16V Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAS16V Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAS16V Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAS16V Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.cj-elec.com
2
B,Oct,2014
Typical Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
10
100
0
2040
6080
100
1
10
100
1000
10000
0
25
50
75
100
125
150
0
50
100
150
200
04
8
12
16
20
0.6
0.7
0.8
0.9
1.0
1.1
Pulsed
FORWARD VOLTAGE
V
F
(V)
Forward Characteristics
300
REVERSE VOLTAGE
V
R
(V)
T
a
=25℃
T
a
=100℃
Reverse Characteristics
Pulsed
AMBIENT TEMPERATURE
T
a
(
)
Power Derating Curve
Capacitance Characteristics
REVERSE VOLTAGE
V
R
(V)
T
a
=25℃
f=1MHz


Similar Part No. - BAS16V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS16V DIODES-BAS16V Datasheet
77Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
30447 Rev. 3 - 2
BAS16V DIODES-BAS16V Datasheet
213Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS30447 Rev. 5 - 2
logo
Micro Commercial Compon...
BAS16V MCC-BAS16V Datasheet
298Kb / 3P
   150mW Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAS16V HTSEMI-BAS16V Datasheet
783Kb / 2P
   SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
BAS16V SECOS-BAS16V Datasheet
320Kb / 2P
   0.3A , 100V Plastic-Encapsulated Transistors
More results

Similar Description - BAS16V

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com