Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITM1010EV45 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ITM1010EV45
Description  CDMA Cellular/CDMA450 Receiver RF Front-end IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ITM1010EV45 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ITM1010EV45 Datasheet HTML 1Page - List of Unclassifed Manufacturers ITM1010EV45 Datasheet HTML 2Page - List of Unclassifed Manufacturers ITM1010EV45 Datasheet HTML 3Page - List of Unclassifed Manufacturers ITM1010EV45 Datasheet HTML 4Page - List of Unclassifed Manufacturers ITM1010EV45 Datasheet HTML 5Page - List of Unclassifed Manufacturers ITM1010EV45 Datasheet HTML 6Page - List of Unclassifed Manufacturers ITM1010EV45 Datasheet HTML 7Page - List of Unclassifed Manufacturers ITM1010EV45 Datasheet HTML 8Page - List of Unclassifed Manufacturers ITM1010EV45 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
02-IM1010-030827
sales@integrant.biz
Tel: 82-31-719-4500
2/19
CDMA Cellular/CDMA450 Receiver RF Front-end IC
ITM1010
1. Operating Conditions
1-1 Absolute Maximum Ratings
The ratings described below are stress-only, and the device’s performance might be degraded and/or
permanent damage might be caused by the stresses applied beyond these ratings.
Table 1-1 Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
-0.5
3.6
V
Digital Input Voltage to Ground
VD
-0.3
Vcc+0.3
V
Input Power Level
PImax
6
dBm
Storage Temperature
TS
-40
150
°C
Junction Temperature
TJ
150
°C
Lead Temperature (Soldering, 10sec)
TL
240
°C
1-2 Recommended Operating Conditions
All device performance of ITM1010 is guaranteed under these Recommended Operating Conditions.
Table 1-2 Recommended Operation Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.7
3.15
V
Operating Temperature
TA
-40
85
° C
Logic High Level Input Voltage
VIH
1.8
V
Logic Low Level Input Voltage
VIL
0.4
V
1-3 Typical Current Consumption
Table 1-3 Typical Current Consumption
Parameter
Typical
Unit
High Gain
28
mA
Cellular CDMA
Low Gain
19
mA
Power Down Current
< 1
µA
Note: Typical current consumption is measured at 25
°C and Vcc=2.85V
1-4 Electrical Mode
Table 1-4 Operation Mode Control Table
ENA
LNA_GAIN
Operation Mode
0
X
Full Power Down
1
0
LNA low gain
1
1
LNA high gain


Similar Part No. - ITM1010EV45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ITM1602ASTL ETC-ITM1602ASTL Datasheet
115Kb / 1P
   ITM1602ASTL
ITM1602BSTL ETC1-ITM1602BSTL Datasheet
125Kb / 1P
   ITM-1602BSTL
More results

Similar Description - ITM1010EV45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ITM2520 ETC-ITM2520 Datasheet
22Kb / 1P
   Cellular/GPS Image-Reject Receiver RF Front-end IC
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
   GPS Receiver RF Front End IC
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
   GPS Receiver RF Front End IC
logo
NXP Semiconductors
AFRX5G272 NXP-AFRX5G272 Datasheet
383Kb / 14P
   RF Front--End Receiver Module
Rev. 0, 07/2020
logo
TriQuint Semiconductor
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
   GPS Receiver RF Front End
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
   GPS Receiver RF Front End
logo
NXP Semiconductors
AFRX5G372 NXP-AFRX5G372 Datasheet
387Kb / 15P
   RF Front--End Receiver Module
Rev. 0, 05/2020
logo
STMicroelectronics
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
   GPS RF FRONT-END IC
STB5600 STMICROELECTRONICS-STB5600 Datasheet
72Kb / 10P
   GPS RF FRONT-END IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com