Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM628128DLR-5 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HM628128DLR-5
Description  1 M SRAM (128-kword x 8-bit)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628128DLR-5 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HM628128DLR-5 Datasheet HTML 1Page - Hitachi Semiconductor HM628128DLR-5 Datasheet HTML 2Page - Hitachi Semiconductor HM628128DLR-5 Datasheet HTML 3Page - Hitachi Semiconductor HM628128DLR-5 Datasheet HTML 4Page - Hitachi Semiconductor HM628128DLR-5 Datasheet HTML 5Page - Hitachi Semiconductor HM628128DLR-5 Datasheet HTML 6Page - Hitachi Semiconductor HM628128DLR-5 Datasheet HTML 7Page - Hitachi Semiconductor HM628128DLR-5 Datasheet HTML 8Page - Hitachi Semiconductor HM628128DLR-5 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
HM628128D Series
5
Operation Table
CS1
CS2
WE
OE
I/O
Operation
HH
××
High-Z
Standby
LL
××
High-Z
Standby
LL
××
High-Z
Standby
L
H
H
L
Dout
Read
L
H
L
H
Din
Write
L
H
L
L
Din
Write
L
H
H
H
High-Z
Output disable
Note:
H: V
IH, L: VIL, ×: VIH or VIL
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Power supply voltage relative to V
SS
V
CC
–0.5 to +7.0
V
Terminal voltage on any pin relative to V
SS
V
T
–0.5*
1 to V
CC + 0.3*
2
V
Power dissipation
P
T
1.0
W
Storage temperature range
Tstg
–55 to +125
°C
Storage temperature range under bias
Tbias
–20 to +85
°C
Notes: 1. V
T min: –1.5 V for pulse half-width ≤ 30 ns
2. Maximum voltage is +7.0 V
DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
V
CC
4.5
5.0
5.5
V
V
SS
000V
Input high voltage
V
IH
2.2
V
CC + 0.3
V
Input low voltage
V
IL
–0.3
0.8
V
1
Ambient temperature range
Ta
–20
+70
°C
Note:
1. V
IL min:
–1.5 V for pulse half-width
≤ 30 ns


Similar Part No. - HM628128DLR-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628128DLFPI-7 HITACHI-HM628128DLFPI-7 Datasheet
84Kb / 16P
   1 M SRAM (128-kword X 8-bit)
HM628128DLPI-7 HITACHI-HM628128DLPI-7 Datasheet
84Kb / 16P
   1 M SRAM (128-kword X 8-bit)
More results

Similar Description - HM628128DLR-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628128DI HITACHI-HM628128DI Datasheet
84Kb / 16P
   1 M SRAM (128-kword X 8-bit)
HM538123B HITACHI-HM538123B Datasheet
369Kb / 46P
   1 M VRAM (128-kword x 8-bit)
HM629127HB HITACHI-HM629127HB Datasheet
398Kb / 11P
   1 M HIGH SPEED SRAM(128-KWORD X 9-BIT)
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
   4 M SRAM (512-kword x 8-bit)
HM628512BFP HITACHI-HM628512BFP Datasheet
58Kb / 13P
   4 M SRAM (512-kword x 8-bit)
HM628512BI HITACHI-HM628512BI Datasheet
84Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512C HITACHI-HM628512C Datasheet
84Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62V8512B HITACHI-HM62V8512B Datasheet
77Kb / 17P
   4 M SRAM (512-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com