Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57500K0103A001 Datasheet(PDF) 4 Page - TDK Electronics

Part # B57500K0103A001
Description  Probe assemblies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57500K0103A001 Datasheet(HTML) 4 Page - TDK Electronics

  B57500K0103A001 Datasheet HTML 1Page - TDK Electronics B57500K0103A001 Datasheet HTML 2Page - TDK Electronics B57500K0103A001 Datasheet HTML 3Page - TDK Electronics B57500K0103A001 Datasheet HTML 4Page - TDK Electronics B57500K0103A001 Datasheet HTML 5Page - TDK Electronics B57500K0103A001 Datasheet HTML 6Page - TDK Electronics B57500K0103A001 Datasheet HTML 7Page - TDK Electronics B57500K0103A001 Datasheet HTML 8Page - TDK Electronics B57500K0103A001 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Reliability data
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
Storage at upper
category temperature
T: 100
°C
t: 1000 h
< 2%
No visible
damage
Storage in damp
heat, steady state
IEC
60068-2-78
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 56 days
< 2%
No visible
damage
Storage in coldness
Storage at lower
category temperature
T:
30
°C
t: 1000 h
< 2%
No visible
damage
Rapid temperature
cycling (in fluid)
IEC
60068-2-14
Lower test temperature: 0
°C
Upper test temperature: 100
°C
Time to change from lower to
upper temperature: <30 s
Number of cycles: 1000
Medium: oil
< 2%
No visible
damage
Vibration
resistance
IEC
60068-2-6
Frequency range: 5 to 500 Hz
Amplitude: 7.5 mm, 2 g
Duration: 3 x 8 h
< 3%
No visible
damage
Long-term stability
(empirical value)
Temperature: 100
°C
t: 10000 h
< 3%
No visible
damage
Voltage proof test
1500 V AC,
1 s
No flashover
Insulation test
The sensors are placed in a
vessel containing metallic balls of
1 mm diameter (with total
immersed head). The applied
voltage is 100 V DC.
Above
100 M
Note
Contact of NTC thermistors with any liquids and solvents shall be prevented. It must be
ensured that no water enters the NTC thermistors (e.g. through plug terminals).
Avoid dewing and condensation unless thermistor is specified for these conditions.
Temperature measurement
B57500K, B57501K
Probe assemblies
K500/K501
Page 4 of 10
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57500K0103A001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57500K0103A001 EPCOS-B57500K0103A001 Datasheet
62Kb / 3P
   Evaporator sensor for air conditioning systems
B57500K0103A001 EPCOS-B57500K0103A001 Datasheet
251Kb / 10P
   NTC thermistors for temperature measurement
More results

Similar Description - B57500K0103A001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57227K0333A001 TDK-B57227K0333A001 Datasheet
234Kb / 9P
   Probe assemblies
B57500M0103A005 TDK-B57500M0103A005 Datasheet
277Kb / 9P
   Probe assemblies
B57504K0103A009 TDK-B57504K0103A009 Datasheet
274Kb / 9P
   Probe assemblies
logo
EPCOS
B57227 EPCOS-B57227 Datasheet
201Kb / 8P
   Probe assemblies
logo
TDK Electronics
B57514K0493A001 TDK-B57514K0493A001 Datasheet
235Kb / 9P
   Probe assemblies
logo
EPCOS
B57020M2502A017 EPCOS-B57020M2502A017 Datasheet
60Kb / 3P
   Probe Assemblies
logo
List of Unclassifed Man...
B59901D130A40 ETC-B59901D130A40 Datasheet
138Kb / 2P
   Measurement and Control Probe Assemblies
logo
EPCOS
B59901 EPCOS-B59901 Datasheet
69Kb / 4P
   Sensors Limit Temperature Sensors, Probe Assemblies
logo
Littelfuse
USP9728 LITTELFUSE-USP9728 Datasheet
580Kb / 1P
   Littelfuse offers Stainless probe assemblies suitable for a wide range of temperature sensing
USP12920 LITTELFUSE-USP12920 Datasheet
575Kb / 1P
   Littelfuse offers Stainless probe assemblies suitable for a wide range of temperature sensing applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com