Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57551G1103F000 Datasheet(PDF) 10 Page - TDK Electronics

Part # B57551G1103F000
Description  Glass-encapsulated sensors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57551G1103F000 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B57551G1103F000 Datasheet HTML 6Page - TDK Electronics B57551G1103F000 Datasheet HTML 7Page - TDK Electronics B57551G1103F000 Datasheet HTML 8Page - TDK Electronics B57551G1103F000 Datasheet HTML 9Page - TDK Electronics B57551G1103F000 Datasheet HTML 10Page - TDK Electronics B57551G1103F000 Datasheet HTML 11Page - TDK Electronics B57551G1103F000 Datasheet HTML 12Page - TDK Electronics B57551G1103F000 Datasheet HTML 13Page - TDK Electronics B57551G1103F000 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
R/T No.
8332
8344
8350
T (
°C)
B25/100 = 4006 K
B25/100 = 4006 K
B25/100 = 4264 K
RT/R25
α (%/K) R
T/R25
α (%/K) R
T/R25
α (%/K)
160.0
0.014585
2.2
0.014504
2.2
0.010690
2.4
165.0
0.013077
2.2
0.012989
2.2
0.0094790
2.4
170.0
0.011753
2.1
0.011659
2.1
0.0084257
2.3
175.0
0.010588
2.1
0.010488
2.1
0.0075072
2.3
180.0
0.0095600
2
0.0094560
2
0.0067043
2.2
185.0
0.0086500
2
0.0085436
2
0.0060006
2.2
190.0
0.0078436
1.9
0.0077352
2
0.0053824
2.2
195.0
0.0071269
1.9
0.0070175
1.9
0.0048381
2.1
200.0
0.0064887
1.9
0.0063789
1.9
0.0043578
2.1
205.0
0.0059191
1.8
0.0058096
1.9
0.0039330
2
210.0
0.0054097
1.8
0.0053008
1.8
0.0035564
2
215.0
0.0049532
1.7
0.0048453
1.8
0.0032220
2
220.0
0.0045432
1.7
0.0044367
1.7
0.0029244
1.9
225.0
0.0041744
1.7
0.0040694
1.7
0.0026590
1.9
230.0
0.0038420
1.6
0.0037386
1.7
0.0024219
1.9
235.0
0.0035419
1.6
0.0034402
1.6
0.0022096
1.8
240.0
0.0032704
1.6
0.0031706
1.6
0.0020193
1.8
245.0
0.0030243
1.5
0.0029264
1.6
0.0018483
1.8
250.0
0.0028010
1.5
0.0027049
1.6
0.0016944
1.7
255.0
0.0025980
1.5
0.0025038
1.5
0.0015557
1.7
260.0
0.0024131
1.5
0.0023207
1.5
0.0014305
1.7
265.0
0.0022445
1.4
0.0021539
1.5
0.0013173
1.6
270.0
0.0020905
1.4
0.0020016
1.5
0.0012147
1.6
275.0
0.0019496
1.4
0.0018624
1.4
0.0011216
1.6
280.0
0.0018205
1.4
0.0017350
1.4
0.0010371
1.6
285.0
0.0017021
1.3
0.0016182
1.4
0.00096018 1.5
290.0
0.0015934
1.3
0.0015109
1.4
0.00089010 1.5
295.0
0.0014933
1.3
0.0014124
1.3
0.00082616 1.5
300.0
0.0014012
1.3
0.0013216
1.3
0.00076774 1.5
Temperature measurement
B57551G1
Glass-encapsulated sensors with insulation
G1551
Page 10 of 24
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57551G1103F000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57551G1103F000 EPCOS-B57551G1103F000 Datasheet
262Kb / 15P
   NTC thermistors for temperature measurement
More results

Similar Description - B57551G1103F000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57540G0502 EPCOS-B57540G0502 Datasheet
61Kb / 3P
   Glass-Encapsulated Sensors
B57660G0222 EPCOS-B57660G0222 Datasheet
61Kb / 3P
   Glass-Encapsulated Sensors
B57560G0202 EPCOS-B57560G0202 Datasheet
61Kb / 3P
   Glass-Encapsulated Sensors
B57750G0385 EPCOS-B57750G0385 Datasheet
60Kb / 3P
   Glass-Encapsulated Sensors
logo
TDK Electronics
B57565G1103F000 TDK-B57565G1103F000 Datasheet
444Kb / 19P
   Glass-encapsulated sensors
logo
EPCOS
B57550G0202 EPCOS-B57550G0202 Datasheet
61Kb / 3P
   Glass-Encapsulated Sensors
logo
Vishay Siliconix
NTCLG100E2 VISHAY-NTCLG100E2 Datasheet
90Kb / 6P
   NTC Thermistors, Glass Encapsulated High Temperature Sensors
Revision: 01-Jul-15
NTCLG100E2 VISHAY-NTCLG100E2_17 Datasheet
87Kb / 5P
   NTC Thermistors, Glass Encapsulated High Temperature Sensors
Revision: 29-Jun-17
NTCLG100E2 VISHAY-NTCLG100E2_V01 Datasheet
86Kb / 5P
   NTC Thermistors, Glass Encapsulated High Temperature Sensors
01-Jan-2022
logo
AVX Corporation
VG181216P400 AVX-VG181216P400 Datasheet
75Kb / 2P
   Glass Encapsulated TransGuard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com