Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57565G1103F000 Datasheet(PDF) 7 Page - TDK Electronics

Part # B57565G1103F000
Description  Glass-encapsulated sensors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57565G1103F000 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B57565G1103F000 Datasheet HTML 3Page - TDK Electronics B57565G1103F000 Datasheet HTML 4Page - TDK Electronics B57565G1103F000 Datasheet HTML 5Page - TDK Electronics B57565G1103F000 Datasheet HTML 6Page - TDK Electronics B57565G1103F000 Datasheet HTML 7Page - TDK Electronics B57565G1103F000 Datasheet HTML 8Page - TDK Electronics B57565G1103F000 Datasheet HTML 9Page - TDK Electronics B57565G1103F000 Datasheet HTML 10Page - TDK Electronics B57565G1103F000 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Mounting instructions
1
Soldering
1.1
Leaded NTC thermistors
Leaded thermistors comply with the solderability requirements specified by CECC.
When soldering, care must be taken that the NTC thermistors are not damaged by excessive
heat. The following maximum temperatures, maximum time spans and minimum distances have
to be observed:
Dip soldering
Iron soldering
Bath temperature
max. 260
°C
max. 360
°C
Soldering time
max. 4 s
max. 2 s
Distance from thermistor
min. 6 mm
min. 6 mm
Under more severe soldering conditions the resistance may change.
1.2
Leadless NTC thermistors
In case of NTC thermistors without leads, soldering is restricted to devices which are provided
with a solderable metallization. The temperature shock caused by the application of hot solder
may produce fine cracks in the ceramic, resulting in changes in resistance.
To prevent leaching of the metallization, solder with silver additives or with a low tin content
should be used. In addition, soldering methods should be employed which permit short soldering
times.
1.3
SMD NTC thermistors
SMD NTC thermistors can be provided with a nickel barrier termination or on special request with
silver-palladium termination. The usage of mild, non-activated fluxes for soldering is recommend-
ed as well as a proper cleaning of the PCB.
Nickel barrier termination
The nickel barrier layer of the silver/nickel/tin termination (see figure 1) prevents leaching of the
silver base metalization layer. This allows great flexibility in the selection of soldering parameters.
The tin prevents the nickel layer from oxidizing and thus ensures better wetting by the solder. The
nickel barrier termination is suitable for all commonly-used soldering methods.
Note: SMD NTCs with AgPd termination are not approved for lead-free soldering.
Figure 1
SMD NTC thermistors, structure of nickel barrier
termination
Temperature measurement
B57565G1
Glass-encapsulated sensors for media contact
G1565
Page 7 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57565G1103F000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57565G1103F005 EPCOS-B57565G1103F005 Datasheet
254Kb / 14P
   NTC thermistors for temperature measurement
B57565G1103F007 EPCOS-B57565G1103F007 Datasheet
254Kb / 14P
   NTC thermistors for temperature measurement
More results

Similar Description - B57565G1103F000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57540G0502 EPCOS-B57540G0502 Datasheet
61Kb / 3P
   Glass-Encapsulated Sensors
B57660G0222 EPCOS-B57660G0222 Datasheet
61Kb / 3P
   Glass-Encapsulated Sensors
logo
TDK Electronics
B57551G1103F000 TDK-B57551G1103F000 Datasheet
415Kb / 24P
   Glass-encapsulated sensors
logo
EPCOS
B57560G0202 EPCOS-B57560G0202 Datasheet
61Kb / 3P
   Glass-Encapsulated Sensors
B57750G0385 EPCOS-B57750G0385 Datasheet
60Kb / 3P
   Glass-Encapsulated Sensors
B57550G0202 EPCOS-B57550G0202 Datasheet
61Kb / 3P
   Glass-Encapsulated Sensors
logo
Vishay Siliconix
NTCLG100E2 VISHAY-NTCLG100E2 Datasheet
90Kb / 6P
   NTC Thermistors, Glass Encapsulated High Temperature Sensors
Revision: 01-Jul-15
NTCLG100E2 VISHAY-NTCLG100E2_17 Datasheet
87Kb / 5P
   NTC Thermistors, Glass Encapsulated High Temperature Sensors
Revision: 29-Jun-17
NTCLG100E2 VISHAY-NTCLG100E2_V01 Datasheet
86Kb / 5P
   NTC Thermistors, Glass Encapsulated High Temperature Sensors
01-Jan-2022
logo
AVX Corporation
VG181216P400 AVX-VG181216P400 Datasheet
75Kb / 2P
   Glass Encapsulated TransGuard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com