Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57869S0502+140 Datasheet(PDF) 10 Page - TDK Electronics

Part # B57869S0502+140
Description  Miniature sensors with bendable wires
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57869S0502+140 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B57869S0502+140 Datasheet HTML 6Page - TDK Electronics B57869S0502+140 Datasheet HTML 7Page - TDK Electronics B57869S0502+140 Datasheet HTML 8Page - TDK Electronics B57869S0502+140 Datasheet HTML 9Page - TDK Electronics B57869S0502+140 Datasheet HTML 10Page - TDK Electronics B57869S0502+140 Datasheet HTML 11Page - TDK Electronics B57869S0502+140 Datasheet HTML 12Page - TDK Electronics B57869S0502+140 Datasheet HTML 13Page - TDK Electronics B57869S0502+140 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Solder joint profiles for silver/nickel/tin terminations
1.3.3
Recommended geometry of solder pads
Recommended maximum dimensions (mm)
Case size
inch/mm
A
B
C
0402/1005
0.6
0.6
1.7
0603/1608
1.0
1.0
3.0
0805/2012
1.3
1.2
3.4
1206/3216
1.8
1.2
4.5
1.3.4
Notes
Iron soldering should be avoided, hot air methods are recommended for repair purposes.
Temperature measurement
B57869S
Miniature sensors with bendable wires
S869
Page 10 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57869S0502+140

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57869S0502+140 EPCOS-B57869S0502+140 Datasheet
61Kb / 3P
   Heating and air conditioning systems
B57869S0502+140 EPCOS-B57869S0502+140 Datasheet
258Kb / 16P
   NTC thermistors for temperature measurement
More results

Similar Description - B57869S0502+140

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57862S0282 EPCOS-B57862S0282 Datasheet
62Kb / 3P
   Miniature Sensors
logo
SparkFun Electronics
COM-14700 SPARKFUN-COM-14700 Datasheet
133Kb / 2P
   Bendable EL Wire - Purple 3m
7??6??8
COM-14697 SPARKFUN-COM-14697 Datasheet
264Kb / 2P
   Bendable EL Wire Blue 3m
7-16-18
logo
TDK Electronics
B88069X0410T502 TDK-B88069X0410T502 Datasheet
93Kb / 5P
   SSG with lead wires
logo
All Sensors Corporation
5PSI-D-CGRADE-MINI ASC-5PSI-D-CGRADE-MINI Datasheet
174Kb / 4P
   Miniature Pressure Sensors
5PSI-G-CGRADE-MINI ASC-5PSI-G-CGRADE-MINI Datasheet
174Kb / 4P
   Miniature Pressure Sensors
15PSI-A-HGRADE-MINI ASC-15PSI-A-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
PSI-GF-HGRADE-MINI ASC-PSI-GF-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0107 ASC-DS-0107 Datasheet
138Kb / 4P
   Miniature Pressure Sensors
5PSI-D-HGRADE-MINI ASC-5PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com