Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57891S0103F008 Datasheet(PDF) 11 Page - TDK Electronics

Part # B57891S0103F008
Description  Leaded NTC thermistors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57891S0103F008 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B57891S0103F008 Datasheet HTML 7Page - TDK Electronics B57891S0103F008 Datasheet HTML 8Page - TDK Electronics B57891S0103F008 Datasheet HTML 9Page - TDK Electronics B57891S0103F008 Datasheet HTML 10Page - TDK Electronics B57891S0103F008 Datasheet HTML 11Page - TDK Electronics B57891S0103F008 Datasheet HTML 12Page - TDK Electronics B57891S0103F008 Datasheet HTML 13Page - TDK Electronics B57891S0103F008 Datasheet HTML 14Page - TDK Electronics B57891S0103F008 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Types of packing
Ammo packing
Ammo
type
x
y
z
I
80
240
210
Packing unit: 1000 - 2000 pcs./reel
Reel packing
Packing unit: 1000 - 2000 pcs./reel
Reel dimensions (in mm)
Reel type
d
f
n
w
I
360 max.
31
±1
approx. 45
54 max.
II
500 max.
23
±1
approx. 59
72 max.
Temperature measurement and compensation
B57891S
Leaded NTC thermistors, lead spacing 2.5 mm
S891
Page 11 of 26
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57891S0103F008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57891S0103F008 EPCOS-B57891S0103F008 Datasheet
322Kb / 25P
   Leaded NTCs, lead spacing 2.5 mm
B57891S0103F008 EPCOS-B57891S0103F008 Datasheet
336Kb / 19P
   NTC thermistors for temperature measurement
More results

Similar Description - B57891S0103F008

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57871S0103H001 TDK-B57871S0103H001 Datasheet
566Kb / 27P
   Leaded NTC thermistors
B57971S0103F001 TDK-B57971S0103F001 Datasheet
562Kb / 26P
   Leaded NTC thermistors
B57981S0103F001 TDK-B57981S0103F001 Datasheet
566Kb / 27P
   Leaded NTC thermistors
logo
Vishay Siliconix
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 18-May-11
NTCLE100E3223JB0 VISHAY-NTCLE100E3223JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103HB0 VISHAY-NTCLE100E3103HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3_16 Datasheet
200Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 22-Dec-16
NTCLE203E3 VISHAY-NTCLE203E3_17 Datasheet
84Kb / 3P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 26-Jun-17
NTCLE100E3 VISHAY-NTCLE100E3_V01 Datasheet
208Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
01-Jan-2022
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
   NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com