Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57371V2223+060 Datasheet(PDF) 3 Page - TDK Electronics

Part # B57371V2223+060
Description  SMD NTC thermistors,
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57371V2223+060 Datasheet(HTML) 3 Page - TDK Electronics

  B57371V2223+060 Datasheet HTML 1Page - TDK Electronics B57371V2223+060 Datasheet HTML 2Page - TDK Electronics B57371V2223+060 Datasheet HTML 3Page - TDK Electronics B57371V2223+060 Datasheet HTML 4Page - TDK Electronics B57371V2223+060 Datasheet HTML 5Page - TDK Electronics B57371V2223+060 Datasheet HTML 6Page - TDK Electronics B57371V2223+060 Datasheet HTML 7Page - TDK Electronics B57371V2223+060 Datasheet HTML 8Page - TDK Electronics B57371V2223+060 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Electrical specification and ordering codes
R25
∆R
R/RR
%
No. of R/T
characteristic
B25/50
K
B25/85
K
B25/100
K
Ordering code
+ =
Resistance tolerance
F =
±1% (only for B57330V2103F260 and B57374V2104F060)
H =
±3%
J =
±5%
1.0 k
±3, ±5
8502
3940
3980
4000
±3% B57321V2102+060
2.2 k
±3, ±5
8502
3940
3980
4000
±3% B57321V2222+060
4.7 k
±3, ±5
8500
3590
3635
3650
±3% B57301V2472+060
6.8 k
±3, ±5
8507
4386
4455
4480
±3% B57371V2682+060
10 k
±1
8509
3380
3435
3455
±1% B57330V2103F260
10 k
±3, ±5
8509
3380
3435
3455
±1% B57330V2103+260
10 k
±3, ±5
8500
3590
3635
3650
±3% B57301V2103+060
10 k
±3, ±5
8502
3940
3980
4000
±3% B57321V2103+060
10 k
±3, ±5
8507
4386
4455
4480
±3% B57371V2103+060
22 k
±3, ±5
8502
3940
3980
4000
±3% B57321V2223+060
22 k
±3, ±5
8507
4386
4455
4480
±3% B57371V2223+060
47 k
±3, ±5
8502
3940
3980
4000
±3% B57321V2473+060
47 k
±3, ±5
8507
4386
4455
4480
±3% B57371V2473+060
68 k
±3, ±5
8507
4386
4455
4480
±3% B57371V2683+060
100 k
±1
8507
4386
4455
4480
±1% B57374V2104F060
100 k
±3, ±5
8507
4386
4455
4480
±1% B57374V2104+060
100 k
±3, ±5
8507
4386
4455
4480
±3% B57371V2104+060
470 k
±3, ±5
8507
4386
4455
4480
±3% B57371V2474+060
Temperature measurement and compensation
B573**V2
SMD NTC thermistors, case size 0603 (1608)
Standard series
Page 3 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57371V2223+060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57371V2223060 EPCOS-B57371V2223060 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57371V2223060 EPCOS-B57371V2223060 Datasheet
425Kb / 21P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57371V2223060 TDK-B57371V2223060 Datasheet
451Kb / 22P
   NTC thermistors for temperature measurement
B57371V2223060 TDK-B57371V2223060 Datasheet
451Kb / 22P
   NTC thermistors for temperature measurement
B57371V2223060 TDK-B57371V2223060 Datasheet
451Kb / 22P
   NTC thermistors for temperature measurement
More results

Similar Description - B57371V2223+060

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
logo
AVX Corporation
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG062QH300JTB TDK-NTCG062QH300JTB Datasheet
370Kb / 27P
   NTC Thermistors SMD
logo
AVX Corporation
NB21K00103MBB AVX-NB21K00103MBB Datasheet
235Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG06 TDK-NTCG06 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com